Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS1A Datasheet (PDF) - Daya Electric Group Co., Ltd.

RS1A Datasheet PDF - Daya Electric Group Co., Ltd.
Part # RS1A
Download  RS1A Download

File Size   52.75 Kbytes
Page   2 Pages
Manufacturer  DAYA [Daya Electric Group Co., Ltd.]
Direct Link  http://www.cndaya.com
Logo DAYA - Daya Electric Group Co., Ltd.
Description 1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER

RS1A Datasheet (PDF)

Go To PDF Page Download Datasheet
RS1A Datasheet PDF - Daya Electric Group Co., Ltd.

Part # RS1A
Download  RS1A Click to download

File Size   52.75 Kbytes
Page   2 Pages
Manufacturer  DAYA [Daya Electric Group Co., Ltd.]
Direct Link  http://www.cndaya.com
Logo DAYA - Daya Electric Group Co., Ltd.
Description 1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER

RS1A Datasheet (HTML) - Daya Electric Group Co., Ltd.

RS1A Datasheet HTML 1Page - Daya Electric Group Co., Ltd. RS1A Datasheet HTML 2Page - Daya Electric Group Co., Ltd.

RS1A Product details

Features
● Glass Passivated Die Construction
● Fast Recovery Time For High Efficiency
● Low Forward Voltage Drop and High Current Capability
● Surge Overload Rating to 30A Peak
● Ideally Suited for Automated Assembly
● Plastic Material: UL Flammability Classification Rating 94V-0




Similar Part No. - RS1A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
RS1A PANJIT-RS1A Datasheet
60Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
Chongqing Pingwei Enter...
RS1A CHONGQING-RS1A Datasheet
198Kb / 1P
   1.0AMP. FAST RECOVERY SURFACE MOUNT RECTIFIERS
logo
Weitron Technology
RS1A WEITRON-RS1A Datasheet
299Kb / 3P
   Surface Mount Fast Recovery Rectifiers
logo
Diodes Incorporated
RS1A DIODES-RS1A Datasheet
47Kb / 2P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15002 Rev. G-2
logo
Galaxy Semi-Conductor H...
RS1A BILIN-RS1A Datasheet
488Kb / 4P
   Fast Recovery Rectifier
More results


Similar Description - RS1A

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
SMA4933 TAITRON-SMA4933 Datasheet
258Kb / 5P
   1.0A Surface Mount Fast Recovery Rectifier
logo
Diodes Incorporated
DFLF1800 DIODES-DFLF1800_15 Datasheet
337Kb / 5P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Gaomi Xinghe Electronic...
RS1M GXELECTRONICS-RS1M Datasheet
190Kb / 2P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
RS1MSWFQ DIODES-RS1MSWFQ Datasheet
449Kb / 5P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DL4933 DIODES-DL4933 Datasheet
57Kb / 2P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15001 Rev. D-2
RS1B-13-F DIODES-RS1B-13-F Datasheet
122Kb / 4P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
RS1DB-13-F DIODES-RS1DB-13-F Datasheet
122Kb / 4P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
RS1GB-13 DIODES-RS1GB-13 Datasheet
122Kb / 4P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
RS1JDFQ DIODES-RS1JDFQ Datasheet
466Kb / 5P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
RS1D-13-F DIODES-RS1D-13-F Datasheet
122Kb / 4P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com