Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L1183A Datasheet (PDF) - Unisonic Technologies

L1183A Datasheet PDF - Unisonic Technologies
Part # L1183A
Download  L1183A Download

File Size   150.18 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 300mA CMOS LDO

L1183A Datasheet (PDF)

Go To PDF Page Download Datasheet
L1183A Datasheet PDF - Unisonic Technologies

Part # L1183A
Download  L1183A Click to download

File Size   150.18 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 300mA CMOS LDO

L1183A Datasheet (HTML) - Unisonic Technologies

L1183A Datasheet HTML 1Page - Unisonic Technologies L1183A Datasheet HTML 2Page - Unisonic Technologies L1183A Datasheet HTML 3Page - Unisonic Technologies L1183A Datasheet HTML 4Page - Unisonic Technologies L1183A Datasheet HTML 5Page - Unisonic Technologies

L1183A Product details

DESCRIPTION

The UTC L1183Ais a COMS positive linear regulator. One of it’s feature is the very low quiescent current typical as low as 30μA and its dropout voltage is extremely low with 300mA output current. The internal circuit includes thermal shutdown and current fold-back to prevent device failure when the circuit is operated in the bad conditions.

In application, the UTC L1183Aneeds a low noise, regulated supply. For stable operation, the output capacitance value should be 2.2μF or more.

The UTC L1183Ais an ideal for battery applications, such as instrumentations, portable electronics, wireless devices, cordless phones, PC peripherals, and battery powered widgets.



FEATURES

* Accurate To Within 1.5%

* Quiescent Current: 30μA

* Internal Over-Temperature Shutdown

* With Current Limiting

* Internal Short Circuit Current Fold-Back

* Has Power-Saving Shutdown Mode

* Very Low Temperature Coefficient




Similar Part No. - L1183A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1183A UTC-L1183A Datasheet
173Kb / 5P
   300mA CMOS LDO
L1183A UTC-L1183A Datasheet
196Kb / 6P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183A UTC-L1183A Datasheet
155Kb / 6P
   300mA CMOS LDO
L1183AG-XX-AF5-R UTC-L1183AG-XX-AF5-R Datasheet
173Kb / 5P
   300mA CMOS LDO
More results


Similar Description - L1183A

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8801 AME-AME8801 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com