Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI-3000LSA Datasheet (PDF) - Sanken electric

SI-3000LSA Datasheet PDF - Sanken electric
Part # SI-3000LSA
Download  SI-3000LSA Download

File Size   75.28 Kbytes
Page   2 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs

SI-3000LSA Datasheet (PDF)

Go To PDF Page Download Datasheet
SI-3000LSA Datasheet PDF - Sanken electric

Part # SI-3000LSA
Download  SI-3000LSA Click to download

File Size   75.28 Kbytes
Page   2 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs

SI-3000LSA Datasheet (HTML) - Sanken electric

SI-3000LSA Datasheet HTML 1Page - Sanken electric SI-3000LSA Datasheet HTML 2Page - Sanken electric

SI-3000LSA Product details

■ Features

• Compact surface-mount package (SOP8)

• Output current: 1 A

• Low circuit current at output OFF: Iq(OFF) ≤ 1 µA (VC = 0 V)

• Low dropout voltage: VDIF≤0.8 V (at IO = 1 A) VDIF ≤1.2 V (IO = 1 A) for SI-3018LSA

• 4 types of output voltages (1.8 V, 2.5 V, 3.3 V, 5.0 V) available

• Output ON/OFF control terminal voltage compatible with LS-TTL

• Built-in foldback-type-overcurrent and thermal protection circuits



■ Applications

• Auxiliary power supplies for PC

• Battery-driven electronic equipment



 




Similar Part No. - SI-3000LSA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI-3000LSA ETC1-SI-3000LSA Datasheet
58Kb / 6P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
logo
Sanken electric
SI-3000LSA SANKEN-SI-3000LSA_11 Datasheet
78Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results


Similar Description - SI-3000LSA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-3012KD ALLEGRO-SI-3012KD Datasheet
69Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3000LLSL SANKEN-SI-3000LLSL Datasheet
44Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000KM SANKEN-SI-3000KM_10 Datasheet
60Kb / 3P
   Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3010KM SANKEN-SI-3010KM Datasheet
149Kb / 12P
   Surface Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000KS SANKEN-SI-3000KS Datasheet
97Kb / 6P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000KS SANKEN-SI-3000KS_10 Datasheet
48Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000KD SANKEN-SI-3000KD Datasheet
69Kb / 3P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
logo
Allegro MicroSystems
SI-3012KM ALLEGRO-SI-3012KM Datasheet
149Kb / 12P
   Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3012KS ALLEGRO-SI-3012KS Datasheet
97Kb / 6P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3000KFE SANKEN-SI-3000KFE Datasheet
56Kb / 2P
   Low Current Consumption Low Dropout Voltage Linear Regulator ICs
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com