Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HH-1055-6.3 Datasheet (PDF) - JMK Inc.

HH-1055-6.3 Datasheet PDF - JMK Inc.
Part # HH-1055-6.3
Download  HH-1055-6.3 Download

File Size   117.22 Kbytes
Page   1 Pages
Manufacturer  JMK [JMK Inc.]
Direct Link  http://www.jmkfilters.com
Logo JMK - JMK Inc.
Description Operating voltage = 85 to 250 V~ Operating current = 6.3 Amp

HH-1055-6.3 Datasheet (PDF)

Go To PDF Page Download Datasheet
HH-1055-6.3 Datasheet PDF - JMK Inc.

Part # HH-1055-6.3
Download  HH-1055-6.3 Click to download

File Size   117.22 Kbytes
Page   1 Pages
Manufacturer  JMK [JMK Inc.]
Direct Link  http://www.jmkfilters.com
Logo JMK - JMK Inc.
Description Operating voltage = 85 to 250 V~ Operating current = 6.3 Amp

HH-1055-6.3 Datasheet (HTML) - JMK Inc.

HH-1055-6.3 Datasheet HTML 1Page - JMK Inc.



Similar Part No. - HH-1055-6.3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
HH-105 MACOM-HH-105 Datasheet
84Kb / 2P
   Hybrid Junction 20 - 300 MHz
logo
M/A-COM Technology Solu...
HH-105 MA-COM-HH-105 Datasheet
62Kb / 2P
   Hybrid Junction, 20 - 300 MHz
logo
Tyco Electronics
HH-105PIN MACOM-HH-105PIN Datasheet
84Kb / 2P
   Hybrid Junction 20 - 300 MHz
HH-105PIN MACOM-HH-105PIN Datasheet
122Kb / 2P
   Hybrid Junction, 20 - 300 MHz
logo
M/A-COM Technology Solu...
HH-105PIN MA-COM-HH-105PIN Datasheet
62Kb / 2P
   Hybrid Junction, 20 - 300 MHz
More results


Similar Description - HH-1055-6.3

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
HH-0828-1.5 JMK-HH-0828-1.5 Datasheet
106Kb / 1P
   Operating Voltage = 115 / 250 V~ Operating Current = 1.5 Amp
HH-1199-6C JMK-HH-1199-6C Datasheet
223Kb / 1P
   Operating Voltage: 125 / 250 v~ Operating Current (Max): 6.0 AMP
FF-1199-6B JMK-FF-1199-6B Datasheet
32Kb / 1P
   Operating Voltage: 125 / 250 v~ Operating Current (Max): 6.0 AMP
AA-0221-20B JMK-AA-0221-20B Datasheet
227Kb / 1P
   Operating voltage = 115/250 Vac Operating current = 20 Amp
AA-0221-20 JMK-AA-0221-20 Datasheet
255Kb / 1P
   Operating voltage = 115/250 Vac Operating current = 20 Amp
FF-1279-14 JMK-FF-1279-14 Datasheet
249Kb / 1P
   Operating voltage = DC to 250 V~ Operating current (max) = 13 Amperes
1306 JMK-1306 Datasheet
74Kb / 1P
   Operating voltage = 115/250 Vac Operating current = 20, 30 Amp
EF7203 JMK-EF7203 Datasheet
263Kb / 1P
   Operating Voltage = 115/250 V Operating Current = 3 Amps
LL-0221-20 JMK-LL-0221-20 Datasheet
63Kb / 1P
   Operating Voltage = 115/250 V~ Operating Current = 20 Amps
EF-0720-6 JMK-EF-0720-6 Datasheet
263Kb / 1P
   Operating Voltage = 115/250 V~ Operating Current = 6 Amps
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com