Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HH-1902-4B Datasheet (PDF) - JMK Inc.

HH-1902-4B Datasheet PDF - JMK Inc.
Part # HH-1902-4B
Download  HH-1902-4B Download

File Size   39.19 Kbytes
Page   1 Pages
Manufacturer  JMK [JMK Inc.]
Direct Link  http://www.jmkfilters.com
Logo JMK - JMK Inc.
Description Operating Voltage= 50 Vdc Operating Current Max= 4.0 amp

HH-1902-4B Datasheet (PDF)

Go To PDF Page Download Datasheet
HH-1902-4B Datasheet PDF - JMK Inc.

Part # HH-1902-4B
Download  HH-1902-4B Click to download

File Size   39.19 Kbytes
Page   1 Pages
Manufacturer  JMK [JMK Inc.]
Direct Link  http://www.jmkfilters.com
Logo JMK - JMK Inc.
Description Operating Voltage= 50 Vdc Operating Current Max= 4.0 amp

HH-1902-4B Datasheet (HTML) - JMK Inc.

HH-1902-4B Datasheet HTML 1Page - JMK Inc.



Similar Part No. - HH-1902-4B

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
HH-105 MACOM-HH-105 Datasheet
84Kb / 2P
   Hybrid Junction 20 - 300 MHz
logo
M/A-COM Technology Solu...
HH-105 MA-COM-HH-105 Datasheet
62Kb / 2P
   Hybrid Junction, 20 - 300 MHz
logo
JMK Inc.
HH-1055-6.3 JMK-HH-1055-6.3 Datasheet
117Kb / 1P
   Operating voltage = 85 to 250 V~ Operating current = 6.3 Amp
HH-1055-6.3B JMK-HH-1055-6.3B Datasheet
117Kb / 1P
   Operating voltage = 85 to 250 V~ Operating current = 6.3 Amp
logo
Tyco Electronics
HH-105PIN MACOM-HH-105PIN Datasheet
84Kb / 2P
   Hybrid Junction 20 - 300 MHz
More results


Similar Description - HH-1902-4B

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
ZF-1947-20 JMK-ZF-1947-20 Datasheet
32Kb / 1P
   Operating Voltage= 400 Vdc max. Operating Current Max= 20.0 amp
KK-1443-35 JMK-KK-1443-35 Datasheet
41Kb / 1P
   Operating voltage (max) = 50 Vdc Operating Current (max) = 35 Amperes
MM-0637A-100 JMK-MM-0637A-100 Datasheet
62Kb / 1P
   Operating Voltage = 48 Vdc Operating Current (Max) = 100 Amp
KK-1920-25 JMK-KK-1920-25 Datasheet
34Kb / 1P
   Operating Voltage = 60 VDC Operating Current (Max) = 25 Amp
HH-1545-12 JMK-HH-1545-12 Datasheet
21Kb / 1P
   Operating voltage = 50 Vdc Operating current = 12.0 Amp
HH-2033-20 JMK-HH-2033-20 Datasheet
247Kb / 1P
   Operating Voltage = 50 Vdc Max
HH-2033-15 JMK-HH-2033-15 Datasheet
350Kb / 1P
   Operating Voltage = 50 Vdc Max
GG-1141-20A JMK-GG-1141-20A Datasheet
71Kb / 1P
   Operating voltage: 12 Vdc Operating current: 20 amp.
GG-1141-15B JMK-GG-1141-15B Datasheet
56Kb / 1P
   Operating voltage: 12 Vdc Operating current: 15 amp.
HH-1590-12 JMK-HH-1590-12 Datasheet
25Kb / 1P
   Operating voltage = 100 Vdc Operating current = 12.0 Amp
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com