Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KK-1920-25 Datasheet (PDF) - JMK Inc.

KK-1920-25 Datasheet PDF - JMK Inc.
Part # KK-1920-25
Download  KK-1920-25 Download

File Size   34.25 Kbytes
Page   1 Pages
Manufacturer  JMK [JMK Inc.]
Direct Link  http://www.jmkfilters.com
Logo JMK - JMK Inc.
Description Operating Voltage = 60 VDC Operating Current (Max) = 25 Amp

KK-1920-25 Datasheet (PDF)

Go To PDF Page Download Datasheet
KK-1920-25 Datasheet PDF - JMK Inc.

Part # KK-1920-25
Download  KK-1920-25 Click to download

File Size   34.25 Kbytes
Page   1 Pages
Manufacturer  JMK [JMK Inc.]
Direct Link  http://www.jmkfilters.com
Logo JMK - JMK Inc.
Description Operating Voltage = 60 VDC Operating Current (Max) = 25 Amp

KK-1920-25 Datasheet (HTML) - JMK Inc.

KK-1920-25 Datasheet HTML 1Page - JMK Inc.



Similar Part No. - KK-1920-25

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
KK-1900-30 JMK-KK-1900-30 Datasheet
47Kb / 1P
   This filter is designed to operate in power disdribution units or in systems designed to meet FCC or IEC requirements.
More results


Similar Description - KK-1920-25

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
ZF-1947-20 JMK-ZF-1947-20 Datasheet
32Kb / 1P
   Operating Voltage= 400 Vdc max. Operating Current Max= 20.0 amp
ZA-1193-3 JMK-ZA-1193-3 Datasheet
49Kb / 1P
   Operating Voltage: 60 Vdc Operating Current (max): 3 AMPERES
ZA-1193-3C JMK-ZA-1193-3C Datasheet
49Kb / 1P
   Operating Voltage: 60 Vdc Operating Current (max): 3 AMPERES
MM-0637A-100 JMK-MM-0637A-100 Datasheet
62Kb / 1P
   Operating Voltage = 48 Vdc Operating Current (Max) = 100 Amp
HH-1902-4B JMK-HH-1902-4B Datasheet
39Kb / 1P
   Operating Voltage= 50 Vdc Operating Current Max= 4.0 amp
KK-1222-25 JMK-KK-1222-25 Datasheet
235Kb / 1P
   Operating voltage = 18 - 36 VDC Operating current (max) = 25 amperes
KK-1443-35 JMK-KK-1443-35 Datasheet
41Kb / 1P
   Operating voltage (max) = 50 Vdc Operating Current (max) = 35 Amperes
MF-0637A-60BL JMK-MF-0637A-60BL Datasheet
100Kb / 1P
   Operating Voltage = 48 Vdc Operating Current = 60 Amperes
MF-0637A-60BR JMK-MF-0637A-60BR Datasheet
61Kb / 1P
   Operating Voltage = 48 Vdc Operating Current = 60 Amperes
GG-1141-20A JMK-GG-1141-20A Datasheet
71Kb / 1P
   Operating voltage: 12 Vdc Operating current: 20 amp.
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com