Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD62306P Datasheet (PDF) - Toshiba Semiconductor

TD62306P Datasheet PDF - Toshiba Semiconductor
Part # TD62306P
Download  TD62306P Download

File Size   253.33 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 6CH LOW SATURATION SINK DRIVER

TD62306P Datasheet (PDF)

Go To PDF Page Download Datasheet
TD62306P Datasheet PDF - Toshiba Semiconductor

Part # TD62306P
Download  TD62306P Click to download

File Size   253.33 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 6CH LOW SATURATION SINK DRIVER

TD62306P Datasheet (HTML) - Toshiba Semiconductor

TD62306P Datasheet HTML 1Page - Toshiba Semiconductor TD62306P Datasheet HTML 2Page - Toshiba Semiconductor TD62306P Datasheet HTML 3Page - Toshiba Semiconductor TD62306P Datasheet HTML 4Page - Toshiba Semiconductor TD62306P Datasheet HTML 5Page - Toshiba Semiconductor TD62306P Datasheet HTML 6Page - Toshiba Semiconductor TD62306P Datasheet HTML 7Page - Toshiba Semiconductor

TD62306P Product details

The TD62306P, TD62306F are comprised of six NPN low saturation drivers.

All units feature integral clamp diodes for switching inductive loads and protective diodes against a negative input voltage. Applications include relay, hammer, lamp and LED driver.



FEATURES

Low saturation output voltage : VCE (sat) = 0.6 V (Max.)

                                 @IOUT = 120 mA

Output rating (single output) 20 V (Min.) / 150 mA (Max.)

Inputs compatible with 5~15 V PMOS, CMOS

Input protective diodes against a negative input voltage

Package type−P : DIP−14 pin

Package type−F : SOP−14 pin




Similar Part No. - TD62306P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62300F TOSHIBA-TD62300F Datasheet
206Kb / 6P
   2CH LOW VCC SINK DRIVER
TD62300P TOSHIBA-TD62300P Datasheet
206Kb / 6P
   2CH LOW VCC SINK DRIVER
TD62301 TOSHIBA-TD62301 Datasheet
259Kb / 7P
   7CH LOW SATURATION SINK DRIVER
TD62301F TOSHIBA-TD62301F Datasheet
259Kb / 7P
   7CH LOW SATURATION SINK DRIVER
TD62301P TOSHIBA-TD62301P Datasheet
259Kb / 7P
   7CH LOW SATURATION SINK DRIVER
More results


Similar Description - TD62306P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62309P TOSHIBA-TD62309P Datasheet
248Kb / 7P
   6CH LOW SATURATION HIGH-CURRENT SING DRIVER
TD62006P TOSHIBA-TD62006P Datasheet
236Kb / 6P
   6CH DARLINGTON SINK DRIVER
TD62307P TOSHIBA-TD62307P Datasheet
256Kb / 7P
   7CH LOW SATURATION SINK DRIVER
TD62301P TOSHIBA-TD62301P Datasheet
259Kb / 7P
   7CH LOW SATURATION SINK DRIVER
TD62381P TOSHIBA-TD62381P Datasheet
252Kb / 7P
   8CH LOW SATURATION SINK DRIVER
TD62381FN TOSHIBA-TD62381FN Datasheet
202Kb / 5P
   8CH LOW SATURATION SINK DRIVER
TD62M8501F TOSHIBA-TD62M8501F Datasheet
144Kb / 4P
   8CH LOW SATURATION VOLTAGE SINK DRIVER
TD62M8500F TOSHIBA-TD62M8500F Datasheet
157Kb / 4P
   8CH LOW SATURATION VOLTAGE SINK DRIVER
TD62M4501F TOSHIBA-TD62M4501F Datasheet
157Kb / 4P
   4CH LOW SATURATION VOLTAGE SINK DRIVER
TD62380P TOSHIBA-TD62380P Datasheet
169Kb / 5P
   8CH LOW SATURATION DARLINGTON SINK DRIVER
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com