Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD62387 Datasheet (PDF) - Toshiba Semiconductor

TD62387 Datasheet PDF - Toshiba Semiconductor
Part # TD62387
Download  TD62387 Download

File Size   259.42 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 8CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER

TD62387 Datasheet (PDF)

Go To PDF Page Download Datasheet
TD62387 Datasheet PDF - Toshiba Semiconductor

Part # TD62387
Download  TD62387 Click to download

File Size   259.42 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 8CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER

TD62387 Datasheet (HTML) - Toshiba Semiconductor

TD62387 Datasheet HTML 1Page - Toshiba Semiconductor TD62387 Datasheet HTML 2Page - Toshiba Semiconductor TD62387 Datasheet HTML 3Page - Toshiba Semiconductor TD62387 Datasheet HTML 4Page - Toshiba Semiconductor TD62387 Datasheet HTML 5Page - Toshiba Semiconductor TD62387 Datasheet HTML 6Page - Toshiba Semiconductor TD62387 Datasheet HTML 7Page - Toshiba Semiconductor

TD62387 Product details

The TD62387AFN and TD62388AFN are non−inverting transistor arrays, which are comprised of eight NPN darlington output stages and PNP input stages.

All unites feature integral clamp diodes for switching inductive loads.

These devices are Low Level input active drivers and are suitable for operations with TTL, 5 V CMOS and 5 V Microprocessor which have sink current output drivers. Applications include relay, hammer, lamp and LED driver.



Features

Package Type : SSOP20 pin

High Sustaining Voltage : 50 V (Min)

Output Current (Single Output) : 500 mA / ch (Max)

Output Clamp Diodes

Input : LOW LEVEL ACTIVE

Standard Supply Voltage

Inputs Compatible with TTL and 5 V CMOS




Similar Part No. - TD62387

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62387AF TOSHIBA-TD62387AF Datasheet
328Kb / 8P
   8CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
TD62387AFG TOSHIBA-TD62387AFG Datasheet
608Kb / 11P
   8 Ch Low Input Active Darlington Sink Driver
TD62387AFNG TOSHIBA-TD62387AFNG Datasheet
490Kb / 10P
   8 Ch Low Input Active Darlington Sink Driver
TD62387AP TOSHIBA-TD62387AP Datasheet
328Kb / 8P
   8CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
TD62387APG TOSHIBA-TD62387APG Datasheet
608Kb / 11P
   8 Ch Low Input Active Darlington Sink Driver
More results


Similar Description - TD62387

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
AD62384AP TOSHIBA-AD62384AP Datasheet
266Kb / 7P
   8CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
AD62386AP TOSHIBA-AD62386AP Datasheet
328Kb / 8P
   8CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
TD62383P TOSHIBA-TD62383P Datasheet
188Kb / 5P
   8CH LOW INPUT ACTIVE SINK DRIVER
TD62382APG TOSHIBA-TD62382APG Datasheet
338Kb / 8P
   8CH LOW INPUT ACTIVE SINK DRIVER
2005-03-03
TD62382AP TOSHIBA-TD62382AP Datasheet
245Kb / 7P
   8CH LOW INPUT ACTIVE SINK DRIVER
logo
ARTSCHIP ELECTRONICS CO...
ULN2803 ARTSCHIP-ULN2803 Datasheet
343Kb / 8P
   8CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62081AP TOSHIBA-TD62081AP Datasheet
366Kb / 10P
   8CH DARLINGTON SINK DRIVER
TD62081APG TOSHIBA-TD62081APG Datasheet
271Kb / 13P
   8ch Darlington Sink Driver
TD62380P TOSHIBA-TD62380P Datasheet
169Kb / 5P
   8CH LOW SATURATION DARLINGTON SINK DRIVER
ULN2803APG TOSHIBA-ULN2803APG Datasheet
460Kb / 12P
   8ch Darlington Sink Driver
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com