Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82464Z4821M000 Datasheet (PDF) - EPCOS

B82464Z4821M000 Datasheet PDF - EPCOS
Part # B82464Z4821M000
Download  B82464Z4821M000 Download

File Size   247.18 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SMT power inductors

B82464Z4821M000 Datasheet (PDF)

Go To PDF Page Download Datasheet
B82464Z4821M000 Datasheet PDF - EPCOS

Part # B82464Z4821M000
Download  B82464Z4821M000 Click to download

File Size   247.18 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SMT power inductors

B82464Z4821M000 Datasheet (HTML) - EPCOS

B82464Z4821M000 Datasheet HTML 1Page - EPCOS B82464Z4821M000 Datasheet HTML 2Page - EPCOS B82464Z4821M000 Datasheet HTML 3Page - EPCOS B82464Z4821M000 Datasheet HTML 4Page - EPCOS B82464Z4821M000 Datasheet HTML 5Page - EPCOS B82464Z4821M000 Datasheet HTML 6Page - EPCOS B82464Z4821M000 Datasheet HTML 7Page - EPCOS B82464Z4821M000 Datasheet HTML 8Page - EPCOS

B82464Z4821M000 Product details

SMT power inductors

Rated inductance 0.82µH to 1000µH

Rated current 0.34 A to 7.6 A



Features

■Temperature range up to 125 °C

■High rated current

■Low DC resistance

■Suitable for lead-free reflow soldering

■RoHS-compatibel



Applications

■Filtering of supply voltages

■Coupling, decoupling

■DC/DC converters

■Telecom, EDP, consumer electronics

■Industrial electronics



Construction

■Ferrite core

■Magnetically shielded

■Winding: enamel copper wire

■Winding welded to terminals




Similar Part No. - B82464Z4821M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82464-A4 EPCOS-B82464-A4 Datasheet
77Kb / 3P
   SMT-Power-Inductors
B82464-A4102-M EPCOS-B82464-A4102-M Datasheet
77Kb / 3P
   SMT-Power-Inductors
B82464-A4102-M EPCOS-B82464-A4102-M Datasheet
45Kb / 3P
   SMT?밣ower?밒nductors
B82464-A4103-M EPCOS-B82464-A4103-M Datasheet
77Kb / 3P
   SMT-Power-Inductors
B82464-A4103-M EPCOS-B82464-A4103-M Datasheet
45Kb / 3P
   SMT?밣ower?밒nductors
More results


Similar Description - B82464Z4821M000

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com