Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1302 Datasheet (PDF) - ams AG

AS1302 Datasheet PDF - ams AG
Part # AS1302
Download  AS1302 Download

File Size   1168.24 Kbytes
Page   18 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 5V/30mA Adaptive Inductorless Boost Converter

AS1302 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1302 Datasheet PDF - ams AG

Part # AS1302
Download  AS1302 Click to download

File Size   1168.24 Kbytes
Page   18 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 5V/30mA Adaptive Inductorless Boost Converter

AS1302 Datasheet (HTML) - ams AG

Back Button AS1302 Datasheet HTML 1Page - ams AG AS1302 Datasheet HTML 2Page - ams AG AS1302 Datasheet HTML 3Page - ams AG AS1302 Datasheet HTML 4Page - ams AG AS1302 Datasheet HTML 5Page - ams AG AS1302 Datasheet HTML 6Page - ams AG AS1302 Datasheet HTML 7Page - ams AG AS1302 Datasheet HTML 8Page - ams AG AS1302 Datasheet HTML 9Page - ams AG AS1302 Datasheet HTML 10Page - ams AG Next Button 

AS1302 Product details

General Description

The AS1302 is a 30mA inductorless boost converter using a double H-bridge charge-pump topology with two external flying capacitors. The AS1302 charge pump features 1:2 and 2:3 operation modes as well as a 1:1 operation mode where the input is directly connected to the output.



Key Features

Up to 90% Efficiency

2.9V to 5.15V Input Voltage

Regulated 5V Output

Automatic Mode Switching

<1µA Shutdown Current

Startup with Full Load (within 1ms)

Up to 30mA Load Current

Short Circuit Protection

Output Disconnected During Shutdown

Soft-Start

No Inductor Required

Small External Components Required

(COUT=2.2µF, CFLY=220nF)

Low Noise Fixed Frequency (1.2MHz, 49kHz) Charge Pump:

- 1:1 Battery Feed Through Mode

- 2:3 Single Phase Mode

- 1:2 Single Phase Mode

Package Options:

- TDFN (3x3x0.8mm) 10-pin

- WL-CSP 8-bumps with 0.4mm Pitch




Similar Part No. - AS1302

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1302 AMSCO-AS1302 Datasheet
1Mb / 19P
   5V/30mA Adaptive Inductorless Boost Converter
AS1302-BTDT AMSCO-AS1302-BTDT Datasheet
1Mb / 19P
   5V/30mA Adaptive Inductorless Boost Converter
AS1302-BWLT AMSCO-AS1302-BWLT Datasheet
1Mb / 19P
   5V/30mA Adaptive Inductorless Boost Converter
AS1302 AMSCO-AS1302_07 Datasheet
1Mb / 19P
   5V/30mA Adaptive Inductorless Boost Converter
More results


Similar Description - AS1302

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1302 AMSCO-AS1302_07 Datasheet
1Mb / 19P
   5V/30mA Adaptive Inductorless Boost Converter
AS1301 AMSCO-AS1301 Datasheet
1Mb / 16P
   5V/50mA Low Noise Inductorless Boost Converter
AS1301 AMSCO-AS1301_1 Datasheet
1Mb / 16P
   5V/50mA Low Noise Inductorless Boost Converter
logo
Fairchild Semiconductor
FAN5665 FAIRCHILD-FAN5665 Datasheet
473Kb / 15P
   High-Efficiency, Adaptive Charge Pump 5V Boost
FAN5665 FAIRCHILD-FAN5665_08 Datasheet
714Kb / 15P
   High-Efficiency, Adaptive Charge Pump 5V Boost
logo
Rohm
BP5038A1 ROHM-BP5038A1 Datasheet
405Kb / 3P
   AC/DC converter AC100V input, 5V/30mA output
logo
ON Semiconductor
NCP7662 ONSEMI-NCP7662 Datasheet
152Kb / 12P
   INDUCTORLESS VOLTAGE CONVERTER
June, 2000 ??Rev. 0
logo
Microchip Technology
TC1142 MICROCHIP-TC1142 Datasheet
419Kb / 12P
   Inductorless -2x Boost/Buck Regulator
2002
logo
E-CMOS Corporation
EC9288 E-CMOS-EC9288 Datasheet
963Kb / 12P
   5V 6A 1.2MHz Synchronous Boost Converter
logo
Anpec Electronics Corop...
APW7277 ANPEC-APW7277 Datasheet
387Kb / 18P
   5V 5A 1.2MHz Synchronous Boost Converter
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com