Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1507 Datasheet (PDF) - ams AG

AS1507 Datasheet PDF - ams AG
Part # AS1507
Download  AS1507 Download

File Size   530.44 Kbytes
Page   17 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Dual 256-Tap Digital Potentiometer with SPI Interface and High Endurance EEPROM

AS1507 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1507 Datasheet PDF - ams AG

Part # AS1507
Download  AS1507 Click to download

File Size   530.44 Kbytes
Page   17 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Dual 256-Tap Digital Potentiometer with SPI Interface and High Endurance EEPROM

AS1507 Datasheet (HTML) - ams AG

Back Button AS1507 Datasheet HTML 1Page - ams AG AS1507 Datasheet HTML 2Page - ams AG AS1507 Datasheet HTML 3Page - ams AG AS1507 Datasheet HTML 4Page - ams AG AS1507 Datasheet HTML 5Page - ams AG AS1507 Datasheet HTML 6Page - ams AG AS1507 Datasheet HTML 7Page - ams AG AS1507 Datasheet HTML 8Page - ams AG AS1507 Datasheet HTML 9Page - ams AG AS1507 Datasheet HTML 10Page - ams AG Next Button 

AS1507 Product details

General Description

The AS1507 is a linear, dual 256-tap digital potentiome ter specifically designed to replace discrete/mechanical potentiometers and is ideal for applications requiring a low-temperature-coefficient variable resistor.

The device is controlled via a 3-wire SPI-compatible interface and features an internal EEPROM for storing wiper positions.



2 Key Features

High Endurance: EEPROM up to 10M cycles

High Reliability: EEPROM up to 150 years data retention @ 85°C

Wiper Position Retained in EEPROM and loaded at Power-Up

256 Tap Positions

±0.5LSB DNL in Voltage Divider Mode

±0.5LSB INL in Voltage Divider Mode

End-to-End Resistance: 10/50/100kΩ

Low End-to-End Resistance Temperature Coefficient: 90ppm/ºC

Low-Power Standby Mode: 100nA

5MHz SPI-Compatible Serial Interface

Single-Supply Operation: +2.7 to +5.5V

TQFN 3x3mm 16-pin Package



Applications

The device is ideal for mechanical potentiometer replacement, low-drift programmable gain amplifiers, audio volume control, LCD contrast control, and low-drift programmable filters.




Similar Part No. - AS1507

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS150 ETC-AS150 Datasheet
442Kb / 4P
   HOL-SEALERS Hole Seals
logo
MotionKing Motor Indust...
AS150 MOTIONKING-AS150 Datasheet
165Kb / 2P
   AC Servo Motors
logo
Astrodyne Corporation
AS150-12 ASTRODYNE-AS150-12 Datasheet
489Kb / 2P
   150W Single Output Switching Power Supply
AS150-15 ASTRODYNE-AS150-15 Datasheet
489Kb / 2P
   150W Single Output Switching Power Supply
logo
MotionKing Motor Indust...
AS150-15-230E25 MOTIONKING-AS150-15-230E25 Datasheet
165Kb / 2P
   AC Servo Motors
More results


Similar Description - AS1507

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1506 AMSCO-AS1506 Datasheet
88Kb / 2P
   256-Tap Digital Potentiometer with SPI Interface and High Endurance EEPROM
AS1506 AMSCO-AS1506_1 Datasheet
537Kb / 17P
   256-Tap Digital Potentiometer with SPI Interface and High Endurance EEPROM
logo
Texas Instruments
TPL0202-10 TI1-TPL0202-10 Datasheet
948Kb / 30P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH SPI INTERFACE AND NONVOLATILE MEMORY
logo
Maxim Integrated Produc...
MAX5422 MAXIM-MAX5422 Datasheet
611Kb / 11P
   256-Tap, Nonvolatile, SPI-Interface, Digital Potentiometers
Rev 0; 7/04
logo
Analog Devices
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162 AD-AD5162_15 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162 AD-AD5162 Datasheet
960Kb / 20P
   Dual 256-Position SPI Digital Potentiometer
REV. A
AD5162BRMZ10-RL7 AD-AD5162BRMZ10-RL7 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
logo
Maxim Integrated Produc...
MAX5487 MAXIM-MAX5487 Datasheet
420Kb / 14P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 1; 1/05
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com