Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA11 Datasheet (PDF) - CHENG-YI ELECTRONIC CO., LTD.

SA11 Datasheet PDF - CHENG-YI ELECTRONIC CO., LTD.
Part # SA11
Download  SA11 Download

File Size   129.23 Kbytes
Page   2 Pages
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.
Description GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR

SA11 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA11 Datasheet PDF - CHENG-YI ELECTRONIC CO., LTD.

Part # SA11
Download  SA11 Click to download

File Size   129.23 Kbytes
Page   2 Pages
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.
Description GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR

SA11 Datasheet (HTML) - CHENG-YI ELECTRONIC CO., LTD.

SA11 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. SA11 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.

SA11 Product details

VOLTAGE 6.8 to 144 VOLTS 400 WATT PEAK POWER 1.0 WATTS STEADY STATE

FEATURES
• Plastic package has Underwrites Laboratory
   Flammability Classification 94V-O
• Glass passivated chip junction
• 500W Peak Pulse Power capability
   on 10/1000μs waveform
• Excellent clamping capability
• Repetition rate (duty cycle):0.01%
• Low incremental surge resistance
• Fast response time: typically less than 1.0 ps
   from 0 volts to BV for unidirctional and 5.0ns
   for bidirctional types
• Typical ID less than 1 A above 10V
• High tempreature soldering guaranteed:
   300°C/10 seconds .375", (9.5mm)
   lead length/51bs.,(2.3kg) tension




Similar Part No. - SA11

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
SA11 CHONGQING-SA11 Datasheet
226Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SA11 PANJIT-SA11 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
First Components Intern...
SA11 FCI-SA11 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
SA11 LUGUANG-SA11 Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
Shanghai Semitech Semic...
SA11 SEMITECH-SA11 Datasheet
244Kb / 6P
   Uni-directional Versions Available
More results


Similar Description - SA11

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shunye Enterprise
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com