Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR123A Datasheet (PDF) - Dubilier

CR123A Datasheet PDF - Dubilier
Part # CR123A
Download  CR123A Download

File Size   67.35 Kbytes
Page   1 Pages
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier
Description LITHIUM COIN CELL

CR123A Datasheet (PDF)

Go To PDF Page Download Datasheet
CR123A Datasheet PDF - Dubilier

Part # CR123A
Download  CR123A Click to download

File Size   67.35 Kbytes
Page   1 Pages
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier
Description LITHIUM COIN CELL

CR123A Datasheet (HTML) - Dubilier

CR123A Datasheet HTML 1Page - Dubilier

CR123A Product details

BATTERIES
• Memory backup applications such as GPS devices, game consoles etc
• Manufactured to IS9002 and UL approved
• Diameter range from 12.5mm to 24.5mm
• Horizontal and vertical PCB mount available
• Rated capacity 25 to 550mAh.




Similar Part No. - CR123A

ManufacturerPart #DatasheetDescription
logo
Dubilier
CR123A DUBILIER-CR123A Datasheet
67Kb / 1P
   LITHIUM COIN CELL
logo
Panasonic Semiconductor
CR123A PANASONIC-CR123A Datasheet
32Kb / 1P
   Manganese Dioxide Lithium Cylindrical Batteries: Individual Specifications
logo
Panasonic Battery Group
CR123A PANASONICBATTERY-CR123A Datasheet
32Kb / 1P
   Manganese Dioxide Lithium Cylindrical Batteries: Individual Specifications
logo
Ultralife Corporation.
CR123A ULTRALIFE-CR123A Datasheet
457Kb / 2P
   Safety and security systems
16 DEC 20 Rev: C
More results


Similar Description - CR123A

ManufacturerPart #DatasheetDescription
logo
Dubilier
CR1216 DUBILIER-CR1216 Datasheet
67Kb / 1P
   LITHIUM COIN CELL
logo
Panasonic Battery Group
CR1220-BN PANASONICBATTERY-CR1220-BN Datasheet
807Kb / 5P
   LITHIUM - Coin Type
CR2477 PANASONICBATTERY-CR2477 Datasheet
663Kb / 6P
   LITHIUM - Coin Type
AUGUST 2005
logo
List of Unclassifed Man...
122-0420-GR ETC2-122-0420-GR Datasheet
173Kb / 1P
   Coin Cell Holder
logo
Panasonic Battery Group
ML920 PANASONICBATTERY-ML920 Datasheet
38Kb / 1P
   Manganese Lithium Coin Batteries
logo
List of Unclassifed Man...
DC-2R5E204T614-E ETC2-DC-2R5E204T614-E Datasheet
95Kb / 1P
   Coin Cell Capacitors
122-0520-GR ETC2-122-0520-GR Datasheet
148Kb / 1P
   Coin Cell Holder
122-2420-GR ETC2-122-2420-GR Datasheet
76Kb / 1P
   Coin Cell Holder
logo
Cooper Bussmann, Inc.
KR-5R5V104-R COOPER-KR-5R5V104-R Datasheet
306Kb / 4P
   Coin Cell Supercapacitors
KW-5R5C104-R COOPER-KW-5R5C104-R Datasheet
264Kb / 2P
   Coin Cell Supercapacitors
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com