Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MID-40A22 Datasheet (PDF) - Unity Opto Technology

MID-40A22 Datasheet PDF - Unity Opto Technology
Part # MID-40A22
Download  MID-40A22 Download

File Size   33.1 Kbytes
Page   2 Pages
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology
Description TO-46 PACKAGE NPN PHOTOTRANSISTOR

MID-40A22 Datasheet (PDF)

Go To PDF Page Download Datasheet
MID-40A22 Datasheet PDF - Unity Opto Technology

Part # MID-40A22
Download  MID-40A22 Click to download

File Size   33.1 Kbytes
Page   2 Pages
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology
Description TO-46 PACKAGE NPN PHOTOTRANSISTOR

MID-40A22 Datasheet (HTML) - Unity Opto Technology

MID-40A22 Datasheet HTML 1Page - Unity Opto Technology MID-40A22 Datasheet HTML 2Page - Unity Opto Technology

MID-40A22 Product details

Description
The MID-40A22 is a NPN silicon phototransistor mounted in a lensed, special dark plastic package. The lensing effect of the package allows an acceptance angle of 25° ¸that measured from the optical axis to the half power point .

Features
• Wide range of collector current
• Lensed for high sensitivity
• Low cost plastic package
• Acceptance angle : 25°
• Good spectral matching IRED (λp 940 nm) type




Similar Part No. - MID-40A22

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MID-40H22 UOT-MID-40H22 Datasheet
33Kb / 2P
   TO-46 PACKAGE NPN PHOTOTRANSISTOR
More results


Similar Description - MID-40A22

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MID-40H22 UOT-MID-40H22 Datasheet
33Kb / 2P
   TO-46 PACKAGE NPN PHOTOTRANSISTOR
MID-18A22 UOT-MID-18A22 Datasheet
32Kb / 2P
   1.8mm PACKAGE NPN PHOTOTRANSISTOR
MID-18422 UOT-MID-18422 Datasheet
31Kb / 2P
   1.8mm PACKAGE NPN PHOTOTRANSISTOR
MID-18H22 UOT-MID-18H22 Datasheet
45Kb / 2P
   1.8mm PACKAGE NPN PHOTOTRANSISTOR
MID-32H22 UOT-MID-32H22 Datasheet
32Kb / 2P
   T-1 PACKAGE NPN PHOTOTRANSISTOR
MID-95R3L UOT-MID-95R3L Datasheet
31Kb / 2P
   SIDE LOOK PACKAGE NPN PHOTOTRANSISTOR
MID-30422 UOT-MID-30422 Datasheet
33Kb / 3P
   T-1 PACKAGE NPN PHOTOTRANSISTOR
MID-95A3LH UOT-MID-95A3LH Datasheet
31Kb / 2P
   SIDE LOOK PACKAGE NPN PHOTOTRANSISTOR
MID-94A3L UOT-MID-94A3L Datasheet
30Kb / 2P
   SIDE LOOK PACKAGE NPN PHOTOTRANSISTOR
MID-30A22 UOT-MID-30A22 Datasheet
32Kb / 2P
   T-1 PACKAGE NPN PHOTOTRANSISTOR
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com