Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17085B Datasheet (PDF) - Maxim Integrated Products

MAX17085B Datasheet PDF - Maxim Integrated Products
Part # MAX17085B
Download  MAX17085B Download

File Size   3755.02 Kbytes
Page   37 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Integrated Charger, Dual Main Step-Down Controllers, and Dual LDO Regulators

MAX17085B Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX17085B Datasheet PDF - Maxim Integrated Products

Part # MAX17085B
Download  MAX17085B Click to download

File Size   3755.02 Kbytes
Page   37 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Integrated Charger, Dual Main Step-Down Controllers, and Dual LDO Regulators

MAX17085B Datasheet (HTML) - Maxim Integrated Products

Back Button MAX17085B Datasheet HTML 1Page - Maxim Integrated Products MAX17085B Datasheet HTML 2Page - Maxim Integrated Products MAX17085B Datasheet HTML 3Page - Maxim Integrated Products MAX17085B Datasheet HTML 4Page - Maxim Integrated Products MAX17085B Datasheet HTML 5Page - Maxim Integrated Products MAX17085B Datasheet HTML 6Page - Maxim Integrated Products MAX17085B Datasheet HTML 7Page - Maxim Integrated Products MAX17085B Datasheet HTML 8Page - Maxim Integrated Products MAX17085B Datasheet HTML 9Page - Maxim Integrated Products MAX17085B Datasheet HTML 10Page - Maxim Integrated Products Next Button 

MAX17085B Product details

General Description
The MAX17085B is an all-in-one notebook power solution integrating a multichemistry battery charger, dual fixed output Quick-PWMK step-down controllers, and dual keep-alive linear regulators:

Features
● All-in-One Charger Plus Dual Main Step-Down Controllers
● 5V/100mA and 3.3V/50mA LDO Regulators
● Main
    Dual Quick-PWM with Fast Transient Response
    and Extended On-Time
    300kHz to 800kHz Switching Frequency
    Fixed 5V and 3.3V SMPS Outputs
    Low-Noise Ultrasonic Mode
    Autoretry Fault Protection
● Charger
    High Switching Frequency (1.4MHz)
    Selectable 2-, 3-, and 4-Cell Battery Voltage
    Automatic Selection of System Power Source
    Internal Charge-Pump for Adapter n-Channel MOSFETs Drive
    Q0.4% Accurate Charge Voltage
    Q2.5% Accurate Input Current Limiting
    Q3% Accurate Charge Current
● Monitor Outputs for
    AC Adapter Current (Q2% Accuracy)
    Battery Discharge Current (Q2% Accuracy)
    AC Adapter OK
● Analog/PWM (100Hz to 500kHz) Adjustable Charge Current Setting
● AC Adapter Overvoltage and Overcurrent rotection




Similar Part No. - MAX17085B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17085B MAXIM-MAX17085B Datasheet
3Mb / 38P
   Integrated Charger, Dual Main Step-Down Controllers, and Dual LDO Regulators
Rev 2; 3/12
MAX17085BETL++ MAXIM-MAX17085BETL+ Datasheet
3Mb / 38P
   Integrated Charger, Dual Main Step-Down Controllers, and Dual LDO Regulators
Rev 2; 3/12
MAX17085BETL++ MAXIM-MAX17085BETL+ Datasheet
3Mb / 38P
   Integrated Charger, Dual Main Step-Down Controllers, and Dual LDO Regulators
Rev 2; 3/12
MAX17085B MAXIM-MAX17085B_12 Datasheet
3Mb / 38P
   Integrated Charger, Dual Main Step-Down Controllers, and Dual LDO Regulators
Rev 2; 3/12
More results


Similar Description - MAX17085B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17085GTL MAXIM-MAX17085GTL Datasheet
3Mb / 38P
   Integrated Charger, Dual Main Step-Down Controllers, and Dual LDO Regulators
Rev 2; 3/12
MAX17085B MAXIM-MAX17085B_12 Datasheet
3Mb / 38P
   Integrated Charger, Dual Main Step-Down Controllers, and Dual LDO Regulators
Rev 2; 3/12
MAX15022 MAXIM-MAX15022 Datasheet
336Kb / 27P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
Rev 0; 5/08
MAX15022 MAXIM-MAX15022_11 Datasheet
317Kb / 28P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
ev 1; 7/11
MAX8855 MAXIM-MAX8855_11 Datasheet
251Kb / 20P
   Dual, 5A, 2MHz Step-Down Regulators Integrated Boost Diodes
Rev 3; 7/11
logo
Anpec Electronics Corop...
APW7060 ANPEC-APW7060 Datasheet
179Kb / 16P
   Dual Controllers - Step Down Synchronous PWM and Linear Controller
logo
BCD Semiconductor Manuf...
AP2401 BCDSEMI-AP2401_09 Datasheet
829Kb / 22P
   DUAL LDO REGULATORS
AP2401 BCDSEMI-AP2401 Datasheet
747Kb / 22P
   DUAL LDO REGULATORS
logo
STMicroelectronics
PM6681A STMICROELECTRONICS-PM6681A Datasheet
474Kb / 12P
   Dual step-down controller with adjustable LDO
November 2006 Rev 1
logo
NXP Semiconductors
PM823 NXP-PM823 Datasheet
6Mb / 58P
   Dual Synchronous 1.5A/1.5A Step-down Buck Regulators with 525 mA LDO
Rev. 4 ??23 June 2022
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com