Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIE-304H4 Datasheet (PDF) - Unity Opto Technology

MIE-304H4 Datasheet PDF - Unity Opto Technology
Part # MIE-304H4
Download  MIE-304H4 Download

File Size   32.03 Kbytes
Page   2 Pages
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology
Description GaAlAs T-1 PACKAGE INFRARED EMITTING DIODE

MIE-304H4 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIE-304H4 Datasheet PDF - Unity Opto Technology

Part # MIE-304H4
Download  MIE-304H4 Click to download

File Size   32.03 Kbytes
Page   2 Pages
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology
Description GaAlAs T-1 PACKAGE INFRARED EMITTING DIODE

MIE-304H4 Datasheet (HTML) - Unity Opto Technology

MIE-304H4 Datasheet HTML 1Page - Unity Opto Technology MIE-304H4 Datasheet HTML 2Page - Unity Opto Technology

MIE-304H4 Product details

Description
The MIE-304H4 is a GaAlAs infrared LED having a peak wavelength at 850nm molded in water clear plastic package. The forward voltage at low current and at high pulse current roughly correspond to the low values of the standard technology.

Features
• Ultra-high radiant intensity
• High response speed
• Standard T-1 ( Φ 3mm ) package, radiant angle : 25°
• Peak wavelength λp = 850 nm




Similar Part No. - MIE-304H4

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MIE-304A2 UOT-MIE-304A2 Datasheet
31Kb / 2P
   AlGaAs/GaAs HIGH POWER T-1 PACKAGE INFRARED EMITTING DIODE
MIE-304A4 UOT-MIE-304A4 Datasheet
31Kb / 2P
   AlGaAs/GaAs HIGH POWER T-1 PACKAGE INFRARED EMITTING DIODE
MIE-304G1 UOT-MIE-304G1 Datasheet
31Kb / 2P
   GaAs HIGH POWER T-1 PACKAGE INFRARED EMITTING DIODE
MIE-304L3 UOT-MIE-304L3 Datasheet
32Kb / 2P
   GaAlAs T-1 PACKAGE INFRARED EMITTING DIODE
More results


Similar Description - MIE-304H4

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MIE-324L3 UOT-MIE-324L3 Datasheet
32Kb / 2P
   GaAlAs T-1 PACKAGE INFRARED EMITTING DIODE
MIE-324H4 UOT-MIE-324H4 Datasheet
31Kb / 2P
   GaAlAs T-1 PACKAGE INFRARED EMITTING DIODE
MIE-304L3 UOT-MIE-304L3 Datasheet
32Kb / 2P
   GaAlAs T-1 PACKAGE INFRARED EMITTING DIODE
MIE-334H4 UOT-MIE-334H4 Datasheet
31Kb / 2P
   GaAlAs T-1 PACKAGE INFRARED EMITTING DIODE
MIE-334L3 UOT-MIE-334L3 Datasheet
32Kb / 2P
   GaAlAs T-1 PACKAGE INFRARED EMITTING DIODE
MIE-514L3 UOT-MIE-514L3 Datasheet
31Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-524L3 UOT-MIE-524L3 Datasheet
31Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-534L3 UOT-MIE-534L3 Datasheet
32Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-824H2 UOT-MIE-824H2 Datasheet
32Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-516L3U UOT-MIE-516L3U Datasheet
32Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com