Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS39105 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TS39105 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TS39105
Download  TS39105 Download

File Size   302.21 Kbytes
Page   7 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 1A Ultra Low LDO with Enable

TS39105 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS39105 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TS39105
Download  TS39105 Click to download

File Size   302.21 Kbytes
Page   7 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 1A Ultra Low LDO with Enable

TS39105 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd

TS39105 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39105 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39105 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39105 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39105 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39105 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39105 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd

TS39105 Product details

General Description
The TS39100/1/2/3/4/5 are 1A ultra low dropout linear voltage regulators that provide low voltage, high current output from an extremely small package. These regulators offers extremely low dropout (typically 400mV at 1A) and very low ground current (typically 12mA at 1A).
The TS39100/1/2/3/4/5 are fully protected against over current faults, reversed input polarity, reversed lead insertion, over temperature operation, positive and negative transient voltage spikes, logic level enable control and error flag which signals whenever the output falls out of regulation.
On the TS39100/1/2/3/4/5, the enable pin may be tied to Vin if it is not required for enable control.

Features
● Dropout voltage typically 0.4V @Io=1.0A
● Output Current up to 1A
● Low Ground Current
● Extremely Fast Transient Response
● Reversed Leakage & Reverse Battery Protection
● Error Flag Signals Output (TS39101 only)
● Current Limit & Thermal Shutdown Protection

Application
● ULDO Linear Regulator for PC add-in Cards
● PowerPCTM Power Supplies
● Battery Powered Equipment
● Consumer and Personal Electronics
● High Efficiency Linear Power Supplies
● SMPS Post Regulator and DC to DC Modules
● High-efficiency Post Regulator for Switching Supply
● Portable Application
● Low-Voltage microcontrollers and Digital Logic




Similar Part No. - TS39105

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS39105CP5 TSC-TS39105CP5 Datasheet
593Kb / 13P
   1A Ultra Low Dropout Voltage Regulator with Multi-Function
More results


Similar Description - TS39105

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS39154 TSC-TS39154 Datasheet
350Kb / 7P
   1.5A Ultra Low LDO with Enable
logo
BCD Semiconductor Manuf...
AP2114 BCDSEMI-AP2114 Datasheet
787Kb / 28P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2114 BCDSEMI-AP2114_13 Datasheet
914Kb / 33P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2115M-1.2G1 BCDSEMI-AP2115M-1.2G1 Datasheet
598Kb / 19P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
logo
Diodes Incorporated
AP2114 DIODES-AP2114 Datasheet
914Kb / 33P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 2 - 2 Jan. 2013
AP2115 DIODES-AP2115 Datasheet
597Kb / 19P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 1 - 1 Jul 2011
AP7350 DIODES-AP7350 Datasheet
1Mb / 13P
   150mA ULTRA-LOW QUIESCENT CURRENT LDO with ENABLE
March 2020
AP7354 DIODES-AP7354 Datasheet
1Mb / 18P
   150mA ULTRA-LOW QUIESCENT CURRENT LDO WITH ENABLE
March 2020
AP7351D DIODES-AP7351D Datasheet
1Mb / 18P
   150mA ULTRA-LOW QUIESCENT CURRENT LDO WITH ENABLE
24 November 2020
logo
Taiwan Semiconductor Co...
TS178RL00 TSC-TS178RL00 Datasheet
214Kb / 6P
   1A Ultra Low Dropout Voltage Regulator with Enable Function
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com