Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY77543 Datasheet (PDF) - Skyworks Solutions Inc.

SKY77543 Datasheet PDF - Skyworks Solutions Inc.
Part # SKY77543
Download  SKY77543 Download

File Size   82.43 Kbytes
Page   2 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description Tx - Rx iPAC FEM for Dual-Band GSM / GPRS (824 - 849 MHz), (1850 - 1910 MHz)

SKY77543 Datasheet (PDF)

Go To PDF Page Download Datasheet
SKY77543 Datasheet PDF - Skyworks Solutions Inc.

Part # SKY77543
Download  SKY77543 Click to download

File Size   82.43 Kbytes
Page   2 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description Tx - Rx iPAC FEM for Dual-Band GSM / GPRS (824 - 849 MHz), (1850 - 1910 MHz)

SKY77543 Datasheet (HTML) - Skyworks Solutions Inc.

SKY77543 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY77543 Datasheet HTML 2Page - Skyworks Solutions Inc.

SKY77543 Product details

Description
The SKY77543 is a transmit and receive front-end module (FEM) with Integrated Power Amplifier Control (iPAC™) for dual-band cellular handsets comprising 850 and PCS1900 operation. Designed in a low profile, compact form factor, the SKY77543 offers a complete Transmit VCO-to-Antenna and Antenna-to-Receive SAW filter solution. The FEM also supports Class 12 General Packet Radio Service (GPRS) multi-slot operation.

Features
• High efficiency
    - GSM850 45.0%
    - PCS1900 38.5%
• Low transmit supply current
    - GSM850 1.26 A
    - PCS1900 0.93 A
• Internal ICC sense resistor for iPAC
• Closed loop iPAC
• 50 Ω matched Input/Output
• Tx–VCO-to-antenna and antenna-to-Rx-SAW filter RF interface
• Tx harmonics below –33 dBm
• PHEMT RF switches afford high linearity, low insertion loss, and less than 20 μA supply current in receive modes
• Small outline: 7 x 6 mm
• Low profile: 0.9 mm
• Compatible with multiple logic families
• Low APC current: 25 μA

Applications
• Dual-band cellular handsets encompassing
    - Class 4 GSM850
    - PCS1900
    - Class 12 GPRS multi-slot operation




Similar Part No. - SKY77543

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77542 SKYWORKS-SKY77542 Datasheet
82Kb / 2P
   Tx - Rx iPAC- FEM for Dual-Band GSM/GPRS (880 - 915 MHz), (1710 - 1785 MHz)
SKY77544 SKYWORKS-SKY77544 Datasheet
116Kb / 2P
   Wideband envelope control path
SKY77546 SKYWORKS-SKY77546 Datasheet
77Kb / 2P
   Tx - Rx Front-End Module for Dual-Band GSM / GPRS / EDGE
SKY77547 SKYWORKS-SKY77547 Datasheet
82Kb / 2P
   Tx-Rx iPAC Front-End Module - Quad-Band GSM/GPRS
SKY77548 SKYWORKS-SKY77548 Datasheet
79Kb / 2P
   Tx-Rx iPAC??Front-End Module for Dual-Band GSM / GPRS
More results


Similar Description - SKY77543

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77552 SKYWORKS-SKY77552 Datasheet
80Kb / 2P
   Quad-Band Tx / Dual-Band Rx iPAC FEM for GSM / GPRS (824-915 MHz and 1710-1910 MHz)
SKY77542 SKYWORKS-SKY77542 Datasheet
82Kb / 2P
   Tx - Rx iPAC- FEM for Dual-Band GSM/GPRS (880 - 915 MHz), (1710 - 1785 MHz)
SKY77518-11 SKYWORKS-SKY77518-11 Datasheet
78Kb / 2P
   Tx?밨x iPAC FEM for Dual-Band GSM/GPRS
SKY77175-13 SKYWORKS-SKY77175-13 Datasheet
78Kb / 2P
   Dual-Band PA Module for WCDMA / HSDPA Band II (1850-1910 MHz) and Band V (824-849 MHz)
SKY77196 SKYWORKS-SKY77196 Datasheet
77Kb / 2P
   Dual-Band PA Module for WCDMA / HSDPA Band II (1850-1910 MHz) and Band V (824-849 MHz)
SKY77176 SKYWORKS-SKY77176 Datasheet
276Kb / 11P
   AutoSmart Dual-Band Power Amplifier Module for CDMA/PCS(824-849 MHz and 1850-1910 MHz)
SKY77548 SKYWORKS-SKY77548 Datasheet
79Kb / 2P
   Tx-Rx iPAC??Front-End Module for Dual-Band GSM / GPRS
SKY77500 SKYWORKS-SKY77500 Datasheet
1Mb / 20P
   SKY77500 iPAC??FEM for Quad-Band GSM / GPRS
SKY77547 SKYWORKS-SKY77547 Datasheet
82Kb / 2P
   Tx-Rx iPAC Front-End Module - Quad-Band GSM/GPRS
SKY77555 SKYWORKS-SKY77555 Datasheet
77Kb / 2P
   Tx-Rx FEM Based on CMOS PA for Dual-Band GSM / GPRS (880-915 MHz and 1710-1785 MHz)
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com