Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY77555 Datasheet (PDF) - Skyworks Solutions Inc.

SKY77555 Datasheet PDF - Skyworks Solutions Inc.
Part # SKY77555
Download  SKY77555 Download

File Size   77.9 Kbytes
Page   2 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description Tx-Rx FEM Based on CMOS PA for Dual-Band GSM / GPRS (880-915 MHz and 1710-1785 MHz)

SKY77555 Datasheet (PDF)

Go To PDF Page Download Datasheet
SKY77555 Datasheet PDF - Skyworks Solutions Inc.

Part # SKY77555
Download  SKY77555 Click to download

File Size   77.9 Kbytes
Page   2 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description Tx-Rx FEM Based on CMOS PA for Dual-Band GSM / GPRS (880-915 MHz and 1710-1785 MHz)

SKY77555 Datasheet (HTML) - Skyworks Solutions Inc.

SKY77555 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY77555 Datasheet HTML 2Page - Skyworks Solutions Inc.

SKY77555 Product details

Description

The SKY77555 is a transmit and receive front-end module (FEM) based on CMOS Power Amplifier for dual-band cellular handsets comprising GSM900 and DCS1800 operation. Designed in a low profile, compact form factor, the SKY77555 offers a complete Transmit VCO-to-Antenna and Antenna-to Receive SAW filter solution. The FEM also supports Class 12 General Packet Radio Service (GPRS)multi-slot operation.



Features

• Efficiency

   - 36% GSM (33.0 dBm)

   - 29% DCS (30.5 dBm)

• Log linear power control response with <100 dB/V power control slope

• Low Rx band noise

• Supply current

   - 1.58 A GSM (33.0 dBm)

   - 1.10 A DCS (30.5 dBm)

• Fully integrated closed loop

• 50 Ω matched Input/Output

• Tx–VCO-to-antenna and antenna-to-Rx-SAW filter RF interface

• PHEMT RF switches afford high linearity, low insertion loss, and low current in receive modes

• Small, low profile package

   - 5 mm x 6 mm x 1.05 mm

• Compatible with multiple logic families



Applications

• Dual-band cellular handsets encompassing

   - Class 4 GSM900

   - DCS1800

   - Class 12 GPRS multi-slot operation



 




Similar Part No. - SKY77555

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77551 SKYWORKS-SKY77551 Datasheet
105Kb / 2P
   Current limiting for over-voltage protection and extended battery life
SKY77552 SKYWORKS-SKY77552 Datasheet
80Kb / 2P
   Quad-Band Tx / Dual-Band Rx iPAC FEM for GSM / GPRS (824-915 MHz and 1710-1910 MHz)
SKY77554-21 SKYWORKS-SKY77554-21 Datasheet
83Kb / 2P
   RF switch affords high linearity, low insertion loss
SKY77558 SKYWORKS-SKY77558 Datasheet
613Kb / 2P
   Tx-Rx FEM fot Quad-Band GSM/GPRS/EDGE 6-Band Antenna Support
SKY77559 SKYWORKS-SKY77559 Datasheet
85Kb / 2P
   RF switch affords high
More results


Similar Description - SKY77555

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77542 SKYWORKS-SKY77542 Datasheet
82Kb / 2P
   Tx - Rx iPAC- FEM for Dual-Band GSM/GPRS (880 - 915 MHz), (1710 - 1785 MHz)
SKY77552 SKYWORKS-SKY77552 Datasheet
80Kb / 2P
   Quad-Band Tx / Dual-Band Rx iPAC FEM for GSM / GPRS (824-915 MHz and 1710-1910 MHz)
SKY77543 SKYWORKS-SKY77543 Datasheet
82Kb / 2P
   Tx - Rx iPAC FEM for Dual-Band GSM / GPRS (824 - 849 MHz), (1850 - 1910 MHz)
SKY77518-11 SKYWORKS-SKY77518-11 Datasheet
78Kb / 2P
   Tx?밨x iPAC FEM for Dual-Band GSM/GPRS
SKY77195 SKYWORKS-SKY77195 Datasheet
76Kb / 2P
   Dual-Band PA Module for WCDMA / HSDPA Band I (1920-1980 MHz) and Band VIII (880-915 MHz)
SKY77458 SKYWORKS-SKY77458 Datasheet
97Kb / 2P
   Front-End Module for LTE / EUTRAN Band VIII (Tx 880-915 MHz), (Rx 925-960 MHz)
SKY77558 SKYWORKS-SKY77558 Datasheet
613Kb / 2P
   Tx-Rx FEM fot Quad-Band GSM/GPRS/EDGE 6-Band Antenna Support
logo
TE Connectivity Ltd
1513434-1 TEC-1513434-1 Datasheet
1Mb / 2P
   880 ??60 & 1710 ??880 MHz Dual Band Antenna (EU Dual)
2195632-1 TEC-2195632-1 Datasheet
2Mb / 2P
   880-960 & 1710-2300 MHz DUAL BAND ANTENNA
logo
Skyworks Solutions Inc.
SKY77548 SKYWORKS-SKY77548 Datasheet
79Kb / 2P
   Tx-Rx iPAC??Front-End Module for Dual-Band GSM / GPRS
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com