Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ Datasheet (PDF) - RFE international

SMAJ Datasheet PDF - RFE international
Part # SMAJ
Download  SMAJ Download

File Size   54.58 Kbytes
Page   1 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description SURFACE MOUNT TVS DIODE SMAJ, SMBJ & SMCJ, 300W to 1500W P

SMAJ Datasheet (PDF)

Go To PDF Page Download Datasheet
SMAJ Datasheet PDF - RFE international

Part # SMAJ
Download  SMAJ Click to download

File Size   54.58 Kbytes
Page   1 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description SURFACE MOUNT TVS DIODE SMAJ, SMBJ & SMCJ, 300W to 1500W P

SMAJ Datasheet (HTML) - RFE international

SMAJ Datasheet HTML 1Page - RFE international

SMAJ Product details

SURFACE MOUNT TVS DIODE
Electrical Characteristics, 5.0 to 30 Volts

TRANSIENT VOLTAGE SUPPRESSOR DIODE
   
Operating Teperature: -55°c to 150°c
     




Similar Part No. - SMAJ

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMAJ JGD-SMAJ Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMAJ EIC-SMAJ Datasheet
28Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
STMicroelectronics
SMAJ STMICROELECTRONICS-SMAJ Datasheet
152Kb / 6P
   TRANSIL
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
More results


Similar Description - SMAJ

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
N502AT23 SIRECT-N502AT23 Datasheet
261Kb / 3P
   300W Surface Mount TVS Diodes
logo
SeCoS Halbleitertechnol...
SMCJ SECOS-SMCJ Datasheet
430Kb / 4P
   1500W Peak Power Surface Mount TVS
SMCJ SECOS-SMCJ_15 Datasheet
133Kb / 4P
   1500W Peak Power Surface Mount TVS
SMD03 SECOS-SMD03 Datasheet
630Kb / 2P
   300W TVS DIODE
logo
Diodes Incorporated
BZX84C2V4T DIODES-BZX84C2V4T Datasheet
63Kb / 3P
   1500W SURFACE MOUNT ZENER DIODE
DS30262 Rev. 4 - 2
logo
UN Semiconducctor INC
1.5SMC UNSEMI-1.5SMC Datasheet
3Mb / 7P
   6.8 To 600V 1500W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
SMCJ UNSEMI-SMCJ Datasheet
4Mb / 8P
   5.0 To 440V 1500W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Shanghai Leiditech Elec...
S-SMCJ LEIDITECH-S-SMCJ Datasheet
1,018Kb / 6P
   S-SMCJ Series 1500W Transient Voltage Suppressor
1.5SMC6.8 LEIDITECH-1.5SMC6.8 Datasheet
1Mb / 4P
   Surface Mount- 1500W
1.5SMC300 LEIDITECH-1.5SMC300 Datasheet
656Kb / 4P
   Surface Mount- 1500W
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com