Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SAR513P Datasheet (PDF) - Rohm

2SAR513P Datasheet PDF - Rohm
Part # 2SAR513P
Download  2SAR513P Download

File Size   241.24 Kbytes
Page   5 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Midium Power Transistors (-50V / -1A)

2SAR513P Datasheet (PDF)

Go To PDF Page Download Datasheet
2SAR513P Datasheet PDF - Rohm

Part # 2SAR513P
Download  2SAR513P Click to download

File Size   241.24 Kbytes
Page   5 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Midium Power Transistors (-50V / -1A)

2SAR513P Datasheet (HTML) - Rohm

2SAR513P Datasheet HTML 1Page - Rohm 2SAR513P Datasheet HTML 2Page - Rohm 2SAR513P Datasheet HTML 3Page - Rohm 2SAR513P Datasheet HTML 4Page - Rohm 2SAR513P Datasheet HTML 5Page - Rohm



Similar Part No. - 2SAR513P

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR513P ROHM-2SAR513P Datasheet
429Kb / 8P
   PNP -1.0A -50V Middle Power Transistor
2SAR513P5 ROHM-2SAR513P5 Datasheet
1Mb / 9P
   Middle Power Transistors(-50V / -1A)
2SAR513PFRA ROHM-2SAR513PFRA Datasheet
1Mb / 8P
   Middle Power Transistor(-50V / -1A)
More results


Similar Description - 2SAR513P

ManufacturerPart #DatasheetDescription
logo
Rohm
MP6T12 ROHM-MP6T12 Datasheet
378Kb / 6P
   Midium Power Transistors (-50V / -1A)
MP6X12 ROHM-MP6X12 Datasheet
424Kb / 6P
   Midium Power Transistors (50V / 1A)
2SCR513P ROHM-2SCR513P_09 Datasheet
235Kb / 5P
   Midium Power Transistors (50V / 1A)
QS6Z5 ROHM-QS6Z5 Datasheet
1Mb / 8P
   Complex Midium Power Transistors (50V/1A)
2SCR553P5 ROHM-2SCR553P5 Datasheet
1Mb / 9P
   Midium Power Transistors (50V / 2A)
2SAR533P ROHM-2SAR533P_09 Datasheet
234Kb / 5P
   Midium Power Transistors (-50V / -3A)
QS5Y2 ROHM-QS5Y2 Datasheet
499Kb / 8P
   Midium Power Transistors (50V / 3A)
2SCR293P ROHM-2SCR293P Datasheet
486Kb / 6P
   Midium Power Transistors (30V / 1A)
2SAR543D ROHM-2SAR543D Datasheet
524Kb / 6P
   Midium Power Transistors (-50V/-4A)
2SAR553P ROHM-2SAR553P_09 Datasheet
242Kb / 5P
   Midium Power Transistors (-50V / -2A)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com