Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6220 Datasheet (PDF) - Rohm

BD6220 Datasheet PDF - Rohm
Part # BD6220_09
Download  BD6220 Download

File Size   431.62 Kbytes
Page   17 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description H-bridge drivers (18V max.)

BD6220 Datasheet (PDF)

Go To PDF Page Download Datasheet
BD6220 Datasheet PDF - Rohm

Part # BD6220_09
Download  BD6220 Click to download

File Size   431.62 Kbytes
Page   17 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description H-bridge drivers (18V max.)

BD6220 Datasheet (HTML) - Rohm

Back Button BD6220_09 Datasheet HTML 1Page - Rohm BD6220_09 Datasheet HTML 2Page - Rohm BD6220_09 Datasheet HTML 3Page - Rohm BD6220_09 Datasheet HTML 4Page - Rohm BD6220_09 Datasheet HTML 5Page - Rohm BD6220_09 Datasheet HTML 6Page - Rohm BD6220_09 Datasheet HTML 7Page - Rohm BD6220_09 Datasheet HTML 8Page - Rohm BD6220_09 Datasheet HTML 9Page - Rohm BD6220_09 Datasheet HTML 10Page - Rohm Next Button 



Similar Part No. - BD6220_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6220F ROHM-BD6220F Datasheet
267Kb / 5P
   H-bridge driver for DC brush motor
BD6220F ROHM-BD6220F Datasheet
416Kb / 16P
   18V max. H-bridge Drivers
BD6220F ROHM-BD6220F Datasheet
620Kb / 22P
   DC Brush Motor Drivers (18V max.)
BD6220F-E2 ROHM-BD6220F-E2 Datasheet
620Kb / 22P
   DC Brush Motor Drivers (18V max.)
BD6220F-E2 ROHM-BD6220F-E2 Datasheet
1Mb / 25P
   DC Brush Motor Drivers
More results


Similar Description - BD6220_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6220 ROHM-BD6220_10 Datasheet
416Kb / 16P
   18V max. H-bridge Drivers
BD6230 ROHM-BD6230_09 Datasheet
389Kb / 17P
   H-bridge drivers (36V max.)
BD6210 ROHM-BD6210_09 Datasheet
390Kb / 17P
   H-bridge drivers (7V max.)
BD16922EFV-M ROHM-BD16922EFV-M_15 Datasheet
1Mb / 31P
   Automotive 2ch 60V Max, H-bridge Drivers
BD622X-E ROHM-BD622X-E Datasheet
620Kb / 22P
   DC Brush Motor Drivers (18V max.)
logo
Asahi Kasei Microsystem...
AP1018 AKM-AP1018 Datasheet
480Kb / 17P
   18V Dual H-Bridge Motor Driver IC
AP1013DEN AKM-AP1013DEN Datasheet
558Kb / 17P
   18V 1ch H-Bridge Motor Driver IC
AP1013CEN AKM-AP1013CEN Datasheet
539Kb / 15P
   18V 1ch H-Bridge Motor Driver IC
AP1010 AKM-AP1010 Datasheet
553Kb / 13P
   18V 2ch H-Bridge Motor Driver IC
AP1012A AKM-AP1012A Datasheet
480Kb / 14P
   18V Dual H-Bridge Motor Driver IC
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com