Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA155E1 Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TA155E1 Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TA155E1
Download  TA155E1 Download

File Size   198.75 Kbytes
Page   4 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 155MHz

TA155E1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA155E1 Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA155E1
Download  TA155E1 Click to download

File Size   198.75 Kbytes
Page   4 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 155MHz

TA155E1 Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TA155E1 Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA155E1 Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA155E1 Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA155E1 Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD.

TA155E1 Product details

MAXIMUM RATING:
1.Input Power Level: 0 dB
2.DC voltage: 10 V.
3.Storage Temperature: -40°C to +85 °C.
4.Operating Temperature: -10 °C to +50 °C




Similar Part No. - TA155E1

ManufacturerPart #DatasheetDescription
logo
Pico Technology Ltd.
TA155 PICO-TA155 Datasheet
6Mb / 28P
   PC oscilloscopes and MSOs
logo
Transko Electronics, In...
TA15509AD1 TRANSKO-TA15509AD1 Datasheet
632Kb / 4P
   155.0 MHz IF SAW Filter / 9.39 MHz Bandwidth
Revision 0: 12. Jan. 2012
TA15509BD TRANSKO-TA15509BD Datasheet
694Kb / 4P
   155.0MHz IF SAW Filter / 9.29MHz MHz Bandwidth
Revision 0: 18. Jan. 2012
logo
TAI-SAW TECHNOLOGY CO.,...
TA1550A TAI-SAW-TA1550A Datasheet
155Kb / 9P
   SAW Filter 1994.6 MHz
TA1553A TAI-SAW-TA1553A Datasheet
217Kb / 7P
   SAW Filter 1581 MHz
More results


Similar Description - TA155E1

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN15504 SIPAT-LBN15504 Datasheet
137Kb / 3P
   155MHz SAW Filter 60MHz Bandwidth
LBN15504 SIPAT-LBN15504 Datasheet
137Kb / 3P
   155MHz SAW Filter 60MHz Bandwidth
logo
IC-Haus GmbH
IC-HK ICHAUS-IC-HK_1 Datasheet
980Kb / 13P
   155MHz LASER SWITCH
logo
Roithner LaserTechnik G...
HKMSOP8 ROITHNER-HKMSOP8 Datasheet
322Kb / 8P
   155MHz LASER SWITCH
logo
IC-Haus GmbH
IC-HK ICHAUS-IC-HK_15 Datasheet
422Kb / 10P
   155MHz LASER SWITCH
IC-HB ICHAUS-IC-HB_13 Datasheet
1Mb / 8P
   TRIPLE 155MHz LASER SWITCH
IC-HB ICHAUS-IC-HB Datasheet
586Kb / 8P
   TRIPLE 155MHz LASER SWITCH
IC-HK ICHAUS-IC-HK Datasheet
322Kb / 8P
   155MHz LASER SWITCH
logo
Roithner LaserTechnik G...
HKSO8-TP ROITHNER-HKSO8-TP Datasheet
322Kb / 8P
   155MHz LASER SWITCH
HKBMSOP8 ROITHNER-HKBMSOP8 Datasheet
322Kb / 8P
   155MHz LASER SWITCH
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com