Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA0396A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TA0396A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TA0396A
Download  TA0396A Download

File Size   429.41 Kbytes
Page   4 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 413.9MHz F11

TA0396A Datasheet (PDF)

Go To PDF Page Download Datasheet
TA0396A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0396A
Download  TA0396A Click to download

File Size   429.41 Kbytes
Page   4 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 413.9MHz F11

TA0396A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TA0396A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0396A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0396A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0396A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TA0396A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0390A TAI-SAW-TA0390A Datasheet
224Kb / 7P
   SAW Filter 940.5 MHz SMD 3.0X3.0 mm
TA0391A TAI-SAW-TA0391A Datasheet
498Kb / 6P
   SAW Filter 1747.5 MHz SMD 3X3 mm
logo
Golledge Electronics Lt...
TA0391A GOLLEDGE-TA0391A Datasheet
247Kb / 5P
   SAW Filter 1747.50MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0391B TAI-SAW-TA0391B Datasheet
388Kb / 7P
   SAW Filter 1747.5 MHz for PCN
TA0391C TAI-SAW-TA0391C Datasheet
296Kb / 7P
   SAW Filter 1747.5 MHz
More results


Similar Description - TA0396A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA466E1 TAI-SAW-TA466E1 Datasheet
197Kb / 4P
   SAW Filter 466MHz F11
TA450E1 TAI-SAW-TA450E1 Datasheet
208Kb / 4P
   SAW Filter 450MHz F11
TC0223A TAI-SAW-TC0223A Datasheet
216Kb / 3P
   SAW Resonator 315.15 MHz F11
TC0165A TAI-SAW-TC0165A Datasheet
199Kb / 3P
   SAW Resonator 390.000 MHz F11
TC433E1_A TAI-SAW-TC433E1_A Datasheet
205Kb / 3P
   SAW Resonator 433.92 MHz F11
TC433E1 TAI-SAW-TC433E1 Datasheet
210Kb / 3P
   SAW Resonator 433.92 MHz F11
TC0232A TAI-SAW-TC0232A Datasheet
209Kb / 3P
   SAW Resonator 433.92 MHz F11
TC0166A TAI-SAW-TC0166A Datasheet
125Kb / 4P
   One-Port SAW Resonator 315MHz F11
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com