Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM2619 Datasheet (PDF) - Wolfson Microelectronics plc

WM2619 Datasheet PDF - Wolfson Microelectronics plc
Part # WM2619
Download  WM2619 Download

File Size   124.67 Kbytes
Page   9 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 12-bit Parallel Input Voltage Output DAC

WM2619 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM2619 Datasheet PDF - Wolfson Microelectronics plc

Part # WM2619
Download  WM2619 Click to download

File Size   124.67 Kbytes
Page   9 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 12-bit Parallel Input Voltage Output DAC

WM2619 Datasheet (HTML) - Wolfson Microelectronics plc

WM2619 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2619 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2619 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2619 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2619 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2619 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2619 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2619 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2619 Datasheet HTML 9Page - Wolfson Microelectronics plc

WM2619 Product details

DESCRIPTION
The WM2619 is a 12-bit voltage output, resistor string, digital-to-analogue converter. A hardware controlled power down mode is provided that reduces power consumption to 50nW. In normal operation the device dissipates 8mW at 5V or 4.3mW at 3V.

FEATURES
• 12-bit voltage output DAC
• Single supply 2.7V to 5.5V operation
• DNL ±0.4 LSB, INL ±1.5 LSB
• Settling time 1µs typical
• Low power consumption
    - 8mW typical in slow mode - 5V supply
    - 4.3mW typical in fast mode - 3V supply
• Power down mode

APPLICATIONS
• Battery powered test instruments
• Digital offset and gain adjustment
• Battery operated/remote industrial controls
• Machine and motion control devices
• Wireless telephone and communication systems
• Speech synthesis
• Arbitrary waveform generation




Similar Part No. - WM2619

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2610 WOLFSON-WM2610 Datasheet
159Kb / 13P
   Octal 12-bit, Serial Input, Voltage Output DAC with Power Down
WM2610CDT WOLFSON-WM2610CDT Datasheet
159Kb / 13P
   Octal 12-bit, Serial Input, Voltage Output DAC with Power Down
WM2610IDT WOLFSON-WM2610IDT Datasheet
159Kb / 13P
   Octal 12-bit, Serial Input, Voltage Output DAC with Power Down
WM2613 WOLFSON-WM2613 Datasheet
136Kb / 11P
   Byte-wide Parallel Input, 12-bit Voltage Output DAC
WM2613CDT WOLFSON-WM2613CDT Datasheet
136Kb / 11P
   Byte-wide Parallel Input, 12-bit Voltage Output DAC
More results


Similar Description - WM2619

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2613 WOLFSON-WM2613 Datasheet
136Kb / 11P
   Byte-wide Parallel Input, 12-bit Voltage Output DAC
logo
Maxim Integrated Produc...
MAX530 MAXIM-MAX530 Datasheet
140Kb / 16P
   5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC
Rev 3; 7/95
logo
Analog Devices
AD5725 AD-AD5725_15 Datasheet
493Kb / 20P
   Quad, 12-Bit, Parallel Input, Unipolar/Bipolar, Voltage Output DAC
REV. C
logo
Wolfson Microelectronic...
WM2639 WOLFSON-WM2639 Datasheet
342Kb / 10P
   12-Bit Parallel Input Voltage Output DAC with Internal Reference
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
   12-bit Serial Input Voltage Output DAC
logo
Analog Devices
AD7841ASZ AD-AD7841ASZ Datasheet
442Kb / 13P
   Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD7841 AD-AD7841_15 Datasheet
442Kb / 13P
   Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD7841 AD-AD7841 Datasheet
167Kb / 12P
   Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. 0
AD7839ASZ AD-AD7839ASZ Datasheet
157Kb / 12P
   Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
AD7839 AD-AD7839 Datasheet
153Kb / 12P
   Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com