![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
VI-2N1CY - DC-DC Converters 50 to 200 Watts - Vicor Corporation |
|
Click Here View VI-2N1CY Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| HDU200 | DC-DC CONVERTER 19Ħħ COMPATIBLE EUROCARD TRIPLE OUTPUT 200 WATTS SWITCHING MODE POWER SUPPLIES HDU200 SERIES | Total Power International |
| VI-J00 | DC-DC Converters 25 to 100 Watts | Vicor Corporation |
| TPDC200P-48B | 36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 200 WATTS CURRENT SHARING SWITCHING POWER SUPPLIES TPDC200P-48B SERIES | Total Power International |
| UM3500 | 40 Watts DC-DC Converters | ETC |
| MEGA_MODULE | 25 to 600 Watts DC-DC Converters Single Dual Triple Output Chassis Mount | Vicor Corporation |
| MJ15011 | 10 AMPERE COMPLEMENTARY POWER TRANSISTORS 250 VOLTS 200 WATTS | Motorola, Inc |
| MI-MEGAMOD | Military Chassis Mount DC-DC Converters 10 to 300W Single Dual Triple Outputs | Vicor Corporation |
| IML10 | 10 Watt DC-DC Converters | Power-One |
| NDL | Isolated 2W Wide Input Single Output DC-DC Converters | C&D Technologies |
| NMS | 6kVDC Isolated 2W Dual Output DC-DC Converters | C&D Technologies |
Link URL |
|
|
Related keyword |
| VI-2N1CY Datasheet | VI-2N1CY Cross Reference | VI-2N1CY Schematic | VI-2N1CY Distributor | VI-2N1CY Datenblatt | VI-2N1CY RoHS |
| VI-2N1CY Equivalent | VI-2N1CY Application Notes | VI-2N1CY Data Sheet | VI-2N1CY component | VI-2N1CY Fiche Technique | VI-2N1CY Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |