Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TW0227A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TW0227A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TW0227A
Download  TW0227A Download

File Size   191.53 Kbytes
Page   5 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SMD 5.0x3.2 40MHz Crystal Oscillator

TW0227A Datasheet (PDF)

Go To PDF Page Download Datasheet
TW0227A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TW0227A
Download  TW0227A Click to download

File Size   191.53 Kbytes
Page   5 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SMD 5.0x3.2 40MHz Crystal Oscillator

TW0227A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TW0227A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TW0227A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TW0227A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TW0227A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TW0227A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TW0227A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0225A TAI-SAW-TW0225A Datasheet
202Kb / 5P
   SMD 3.2x2.5 20MHz Crystal Oscillator
TW0228A TAI-SAW-TW0228A Datasheet
219Kb / 5P
   SMD 3.2x2.5 48MHz Crystal Oscillator
TW0229A TAI-SAW-TW0229A Datasheet
207Kb / 5P
   SMD 7.0x5.0 12.288MHz Crystal Oscillator
More results


Similar Description - TW0227A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0151A TAI-SAW-TW0151A Datasheet
209Kb / 5P
   SMD 5.0x3.2 40MHz Crystal Oscillator
TZ0532A TAI-SAW-TZ0532A Datasheet
215Kb / 5P
   SMD 5.0x3.2 40MHz Crystal Unit
REV. NO.: 1
TZ1194A TAI-SAW-TZ1194A Datasheet
332Kb / 7P
   SMD 5.0x3.2 40MHz Crystal Unit
REV. NO.: 3
TW0242A TAI-SAW-TW0242A Datasheet
209Kb / 5P
   SMD 5.0x3.2 38.4MHz Crystal Oscillator
TW0266A TAI-SAW-TW0266A Datasheet
376Kb / 7P
   SMD 5.0x3.2 30MHz Crystal Oscillator
TW0250A TAI-SAW-TW0250A Datasheet
209Kb / 5P
   SMD 5.0x3.2 24.576MHz Crystal Oscillator
TW0280A TAI-SAW-TW0280A Datasheet
256Kb / 5P
   SMD 5.0x3.2 10MHz Crystal Oscillator
TW0329A TAI-SAW-TW0329A Datasheet
371Kb / 7P
   SMD 5.0x3.2 66MHz Crystal Oscillator
TW0129A TAI-SAW-TW0129A Datasheet
202Kb / 5P
   SMD 5.0x3.2 11.2896MHz Crystal Oscillator
TW0237A TAI-SAW-TW0237A Datasheet
209Kb / 5P
   SMD 5.0x3.2 13MHz Crystal Oscillator
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com