![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
5KP11C - 5000W TRANSIENT VOLTAGE SUPPRESSORS - Won-Top Electronics |
|
Click Here View 5KP11C Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| TISP3082L | DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS | Power Innovations Ltd |
| TISP4290LP | SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS | Power Innovations Ltd |
| P6KE | 600W TRANSIENT VOLTAGE SUPPRESSORS | Won-Top Electronics |
| 1N6373 | 1500 Watt Peak Power Mosorb Zener Transient Voltage Suppressors | ON Semiconductor |
| 1.5KE33A | TRANSZORB Transient Voltage Suppressors | Diodes Incorporated |
| ESD5Z2.5T1 | Transient Voltage Suppressors | ON Semiconductor |
| P6KE6.8A | 600 Watt Peak Power Surmetic-40 Zener Transient Voltage Suppressors | ON Semiconductor |
| SM6S | Surface Mount Automotive Transient Voltage Suppressors | Vishay Siliconix |
| 5KP50CAS | 5000W TRANSIENT VOLTAGE SUPPRESSOR | Diodes Incorporated |
Link URL |
|
|
Related keyword |
| 5KP11C Datasheet | 5KP11C Cross Reference | 5KP11C Schematic | 5KP11C Distributor | 5KP11C Datenblatt | 5KP11C RoHS |
| 5KP11C Equivalent | 5KP11C Application Notes | 5KP11C Data Sheet | 5KP11C component | 5KP11C Fiche Technique | 5KP11C Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |