Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1K-T1 Datasheet (PDF) - Won-Top Electronics

GS1K-T1 Datasheet PDF - Won-Top Electronics
Part # GS1K-T1
Download  GS1K-T1 Download

File Size   48.6 Kbytes
Page   3 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER

GS1K-T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
GS1K-T1 Datasheet PDF - Won-Top Electronics

Part # GS1K-T1
Download  GS1K-T1 Click to download

File Size   48.6 Kbytes
Page   3 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER

GS1K-T1 Datasheet (HTML) - Won-Top Electronics

GS1K-T1 Datasheet HTML 1Page - Won-Top Electronics GS1K-T1 Datasheet HTML 2Page - Won-Top Electronics GS1K-T1 Datasheet HTML 3Page - Won-Top Electronics

GS1K-T1 Product details

Features
● Glass Passivated Die Construction
● Ideally Suited for Automatic Assembly
● Low Forward Voltage Drop
● Surge Overload Rating to 30A Peak
● Low Power Loss
● Built-in Strain Relief
● Plastic Case Material has UL Flammability
   Classification Rating 94V-O




Similar Part No. - GS1K-T1

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GS1K-T3 WTE-GS1K-T3 Datasheet
53Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Micro Commercial Compon...
GS1K-TPS05 MCC-GS1K-TPS05 Datasheet
287Kb / 4P
   1.0 Amp Silicon Rectifier 50 to 1000 Volts
More results


Similar Description - GS1K-T1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S1A DIODES-S1A Datasheet
54Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16003 Rev. 8 - 2
S1A DIODES-S1A_10 Datasheet
100Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16003 Rev. 20 - 2
logo
TAITRON Components Inco...
GL41A TAITRON-GL41A Datasheet
245Kb / 6P
   1.0A Surface Mount Glass Passivated Rectifier
logo
Zibo Seno Electronic En...
M1F ZSELEC-M1F Datasheet
478Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S1MDFQ DIODES-S1MDFQ Datasheet
417Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S1G-13 DIODES-S1G-13 Datasheet
101Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S1DB-13-F DIODES-S1DB-13-F Datasheet
120Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S1GB-13 DIODES-S1GB-13 Datasheet
101Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DFLR1600 DIODES-DFLR1600 Datasheet
403Kb / 3P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS30602 Rev. 4 - 2
DFLR1800 DIODES-DFLR1800 Datasheet
78Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS35075 Rev. 2 - 2
S1MB-13 DIODES-S1MB-13 Datasheet
256Kb / 5P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com