![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
3KP120C - 3000W TRANSIENT VOLTAGE SUPPRESSORS - Won-Top Electronics |
|
Click Here View 3KP120C Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 30SMCJ | 3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS | Won-Top Electronics |
| TISP3082L | DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS | Power Innovations Ltd |
| TISP4290LP | SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS | Power Innovations Ltd |
| P6SMBJ | 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS | Won-Top Electronics |
| SM5S | Surface Mount Automotive Transient Voltage Suppressors | Vishay Siliconix |
| 1.5SMC | Surface Mount TRANSZORB Transient Voltage Suppressors | Vishay Siliconix |
| FB120 | Silicon Avalanche Diodes - Axial Leaded Telecommunications Transient Voltage Suppressors | Littelfuse |
| 1N6373A | Zener Transient Voltage Suppressors Unidirectional and Bidirectional | Motorola, Inc |
| 3KASMC10 | Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability & High Reliability Conditions | Vishay Siliconix |
| TISP1072F3 | DUAL ASYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS | Power Innovations Ltd |
Link URL |
|
|
Related keyword |
| 3KP120C Datasheet | 3KP120C Cross Reference | 3KP120C Schematic | 3KP120C Distributor | 3KP120C Datenblatt | 3KP120C RoHS |
| 3KP120C Equivalent | 3KP120C Application Notes | 3KP120C Data Sheet | 3KP120C component | 3KP120C Fiche Technique | 3KP120C Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |