Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS86 Datasheet (PDF) - Silicon Standard Corp.

BAS86 Datasheet PDF - Silicon Standard Corp.
Part # BAS86
Download  BAS86 Download

File Size   322.45 Kbytes
Page   2 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description 0.2A Surface-mount Small-signal Schottky Diode

BAS86 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS86 Datasheet PDF - Silicon Standard Corp.

Part # BAS86
Download  BAS86 Click to download

File Size   322.45 Kbytes
Page   2 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description 0.2A Surface-mount Small-signal Schottky Diode

BAS86 Datasheet (HTML) - Silicon Standard Corp.

BAS86 Datasheet HTML 1Page - Silicon Standard Corp. BAS86 Datasheet HTML 2Page - Silicon Standard Corp.

BAS86 Product details

PRODUCT SUMMARY
Voltage range 50 Volts
Popular small Mini-MELF package
Dissipation 200mW at TA = 25°C

FEATURES
  For general-purpose applications.
  This diode features low turn-on voltage.
  This Schottky barrier device is protected by a PN junction
     guard ring against excessive voltage, such as
     electrostatic discharges
  The low forward voltage drop and fast switching make it ideal for
     protecting MOS devices, or as steering, biasing and coupling
     diodes for fast switching and low logic level applications.
  This diode is also available in the DO-35 case as a BAT86.




Similar Part No. - BAS86

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS86 PHILIPS-BAS86 Datasheet
28Kb / 6P
   Schottky barrier diode
1996 Oct 01
logo
SUNMATE electronic Co.,...
BAS86 SUNMATE-BAS86 Datasheet
299Kb / 2P
   200mA Surface Mount Schottky Barrier Diode
logo
Vishay Siliconix
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
   Schottky Barrier Diode
Rev. 3, 01-Apr-99
logo
Diode Semiconductor Kor...
BAS86 DSK-BAS86 Datasheet
140Kb / 2P
   SMALL SIGNAL SCHOTTKY DIODE
logo
Vishay Siliconix
BAS86 VISHAY-BAS86 Datasheet
231Kb / 5P
   Small Signal Schottky Diode
Rev. 1.7, 03-Mar-06
More results


Similar Description - BAS86

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BAT54C2 CYSTEKEC-BAT54C2 Datasheet
327Kb / 6P
   0.2A surface mount Schottky diode
logo
Diodes Incorporated
BAT54LPS DIODES-BAT54LPS Datasheet
103Kb / 3P
   0.2A SURFACE MOUNT SCHOTTKY BARRIER DIODE
BAT54LPS DIODES-BAT54LPS_17 Datasheet
311Kb / 5P
   0.2A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SeCoS Halbleitertechnol...
BAT54X SECOS-BAT54X_12 Datasheet
231Kb / 2P
   0.2A , 30V Surface Mount Schottky Barrier Diode
BAT54DW SECOS-BAT54DW Datasheet
184Kb / 2P
   0.2A, 30V Surface Mount Schottky Barrier Diode
logo
Formosa MS
FM551V-NL FORMOSA-FM551V-NL Datasheet
152Kb / 7P
   500mA Surface Mount Small Signal Schottky Diode-30V
FM723-NL FORMOSA-FM723-NL Datasheet
91Kb / 7P
   200mA Surface Mount Small Signal Schottky Diode-30V
RB520G FORMOSA-RB520G_10 Datasheet
171Kb / 7P
   100mA Surface Mount Small Signal Schottky Diode- 30V
FM501V-NL FORMOSA-FM501V-NL Datasheet
97Kb / 7P
   100mA Surface Mount Small Signal Schottky Diode-40V
FM751V-FL FORMOSA-FM751V-FL Datasheet
107Kb / 7P
   30mA Surface Mount Small Signal Schottky Diode- 40V
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com