Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS16 Datasheet (PDF) - Silicon Standard Corp.

SS16 Datasheet PDF - Silicon Standard Corp.
Part # SS16
Download  SS16 Download

File Size   195.21 Kbytes
Page   3 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description Schottky Barrier Rectifiers

SS16 Datasheet (PDF)

Go To PDF Page Download Datasheet
SS16 Datasheet PDF - Silicon Standard Corp.

Part # SS16
Download  SS16 Click to download

File Size   195.21 Kbytes
Page   3 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description Schottky Barrier Rectifiers

SS16 Datasheet (HTML) - Silicon Standard Corp.

SS16 Datasheet HTML 1Page - Silicon Standard Corp. SS16 Datasheet HTML 2Page - Silicon Standard Corp. SS16 Datasheet HTML 3Page - Silicon Standard Corp.

SS16 Product details

FEATURES

• For surface mounted application

• Easy pick and place

• Metal to silicon rectifier, majority carrier conduction

• Low power loss, high efficiency

• High current capability, low VF

• High surge current capability

• Plastic material used carriers Underwriters

• Laboratory Classification 94V-0

• Epitaxial construction

• High temperature soldering: 260 °C/ 10 seconds at terminals



 




Similar Part No. - SS16

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SS16 MCC-SS16 Datasheet
187Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
logo
Pan Jit International I...
SS16 PANJIT-SS16 Datasheet
66Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS16 DGNJDZ-SS16 Datasheet
255Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Microdiode Electronics ...
SS16 CHENDA-SS16 Datasheet
324Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 40 Volts Forward Current - 1.0Ampere
logo
Won-Top Electronics
SS16 WTE-SS16 Datasheet
45Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Similar Description - SS16

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com