Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF1004FCT Datasheet (PDF) - Won-Top Electronics

UF1004FCT Datasheet PDF - Won-Top Electronics
Part # UF1004FCT
Download  UF1004FCT Download

File Size   46.09 Kbytes
Page   3 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 10A ISOLATION ULTRAFAST GLASS PASSIVATED RECTIFIER

UF1004FCT Datasheet (PDF)

Go To PDF Page Download Datasheet
UF1004FCT Datasheet PDF - Won-Top Electronics

Part # UF1004FCT
Download  UF1004FCT Click to download

File Size   46.09 Kbytes
Page   3 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 10A ISOLATION ULTRAFAST GLASS PASSIVATED RECTIFIER

UF1004FCT Datasheet (HTML) - Won-Top Electronics

UF1004FCT Datasheet HTML 1Page - Won-Top Electronics UF1004FCT Datasheet HTML 2Page - Won-Top Electronics UF1004FCT Datasheet HTML 3Page - Won-Top Electronics

UF1004FCT Product details

Features
● Glass Passivated Die Construction
● Ultra-Fast Switching
● High Current Capability
● Low Reverse Leakage Current
● High Surge Current Capability
● Plastic Material has UL Flammability Classification 94V-O




Similar Part No. - UF1004FCT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
UF1004FCT WTE-UF1004FCT Datasheet
50Kb / 4P
   10A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
logo
Pan Jit International I...
UF1004FCT PANJIT-UF1004FCT Datasheet
44Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
UF1004FCT PANJIT-UF1004FCT Datasheet
96Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
logo
Yea Shin Technology Co....
UF1004FCT YEASHIN-UF1004FCT Datasheet
40Kb / 2P
   ISOLATION UL TRAFAST SWITCHING RECTIFIERS VOLTAGE- 50 to 800 Volts CURRENT - 10.0 Ampere
More results


Similar Description - UF1004FCT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
UF1000F WTE-UF1000F Datasheet
44Kb / 3P
   10A ISOLATION ULTRAFAST GLASS PASSIVATED RECTIFIER
UF1000CT WTE-UF1000CT Datasheet
48Kb / 3P
   10A ULTRAFAST GLASS PASSIVATED RECTIFIER
UF1000 WTE-UF1000 Datasheet
44Kb / 3P
   10A ULTRAFAST GLASS PASSIVATED RECTIFIER
UF1000 WTE-UF1000_06 Datasheet
50Kb / 4P
   10A GLASS PASSIVATED ULTRAFAST RECTIFIER
UF1000F WTE-UF1000F_06 Datasheet
49Kb / 4P
   10A GLASS PASSIVATED ULTRAFAST RECTIFIER
UF800F WTE-UF800F Datasheet
47Kb / 3P
   8.0A ISOLATION ULTRAFAST GLASS PASSIVATED RECTIFIER
UF1600FCT WTE-UF1600FCT Datasheet
49Kb / 3P
   16A ISOLATION ULTRAFAST GLASS PASSIVATED RECTIFIER
UF1000CT WTE-UF1000CT_06 Datasheet
57Kb / 4P
   10A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
UF1000FCT WTE-UF1000FCT_06 Datasheet
50Kb / 4P
   10A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
ER1000FCT WTE-ER1000FCT Datasheet
48Kb / 3P
   10A ISOLATION SUPER-FAST GLASS PASSIVATED RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com