Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS6610G Datasheet (PDF) - Silicon Standard Corp.

SS6610G Datasheet PDF - Silicon Standard Corp.
Part # SS6610G
Download  SS6610G Download

File Size   1242.22 Kbytes
Page   16 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description High-efficiency Synchronous Step-up DC/DC Converter

SS6610G Datasheet (PDF)

Go To PDF Page Download Datasheet
SS6610G Datasheet PDF - Silicon Standard Corp.

Part # SS6610G
Download  SS6610G Click to download

File Size   1242.22 Kbytes
Page   16 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description High-efficiency Synchronous Step-up DC/DC Converter

SS6610G Datasheet (HTML) - Silicon Standard Corp.

Back Button SS6610G Datasheet HTML 1Page - Silicon Standard Corp. SS6610G Datasheet HTML 2Page - Silicon Standard Corp. SS6610G Datasheet HTML 3Page - Silicon Standard Corp. SS6610G Datasheet HTML 4Page - Silicon Standard Corp. SS6610G Datasheet HTML 5Page - Silicon Standard Corp. SS6610G Datasheet HTML 6Page - Silicon Standard Corp. SS6610G Datasheet HTML 7Page - Silicon Standard Corp. SS6610G Datasheet HTML 8Page - Silicon Standard Corp. SS6610G Datasheet HTML 9Page - Silicon Standard Corp. SS6610G Datasheet HTML 10Page - Silicon Standard Corp. Next Button 

SS6610G Product details

DESCRIPTION
The SS6610/11G are high-efficiency step-up DC/DC converters, with a start-up voltage as low as 0.8V, and an operating voltage down to 0.7V. Consuming only 20µA of quiescent current, these devices include a built-in synchronous rectifier that reduces size and cost by eliminating the need for an external Schottky diode, and improves overall efficiency by minimizing losses.

FEATURES
    Quiescent supply current of 20mA.
    Power-saving shutdown mode (0.1µA typical).
    Internal synchronous rectifier
    On-chip low-battery detector.
    Low battery hysteresis
    Pb-free, RoHS compliant MSOP-8

APPLICATIONS
    Palmtop and notebook computers.
    PDAs
    Wireless phones
    Pocket organizers.
    Digital cameras.
    Hand-held devices with 1 to 3 cells of NiMH/NiCd batteries.




Similar Part No. - SS6610G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS6610 ETC1-SS6610 Datasheet
548Kb / 16P
   High Efficiency Syncronous Step-up DC/DC Converter
SS6610COTR ETC1-SS6610COTR Datasheet
548Kb / 16P
   High Efficiency Syncronous Step-up DC/DC Converter
More results


Similar Description - SS6610G

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Analog Intergrations Co...
AIC1610 AIC-AIC1610 Datasheet
651Kb / 16P
   HIGH EFFICIENCY SYNCHRONOUS STEP-UP DC/DC CONVERTER
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10_10 Datasheet
537Kb / 16P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
ELM Electronics
ELM620BA ELM-ELM620BA Datasheet
892Kb / 10P
   high efficiency synchronous PWM step up DC/DC converter
logo
SHENZHEN FUMAN ELECTRON...
FM2306 FUMAN-FM2306 Datasheet
619Kb / 7P
   High efficiency PFM synchronous step-up DC/DC converter
logo
Shenzhen Huazhimei Semi...
HM6313 HMSEMI-HM6313 Datasheet
1Mb / 11P
   High Efficiency Low Voltage Synchronous Step-up DC/DC Converter
logo
Active-Semi, Inc
ACT6305 ACTIVE-SEMI-ACT6305_11 Datasheet
432Kb / 9P
   Low Input High Efficiency Synchronous Step-Up DC/DC Converter
Rev 2, 22-Feb-11
logo
AiT Semiconductor Inc.
A7544 AITSEMI-A7544 Datasheet
783Kb / 14P
   DC-DC CONVERTER BOOST (STEP-UP) HIGH EFFICIENCY 5A SYNCHRONOUS
REV1.0
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com