Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8842 Datasheet (PDF) - Schurter Inc.

8842 Datasheet PDF - Schurter Inc.
Part # 8842
Download  8842 Download

File Size   459.37 Kbytes
Page   3 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description IEC Appliance Inlet C14 with Fuseholder 2-pole

8842 Datasheet (PDF)

Go To PDF Page Download Datasheet
8842 Datasheet PDF - Schurter Inc.

Part # 8842
Download  8842 Click to download

File Size   459.37 Kbytes
Page   3 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description IEC Appliance Inlet C14 with Fuseholder 2-pole

8842 Datasheet (HTML) - Schurter Inc.

8842 Datasheet HTML 1Page - Schurter Inc. 8842 Datasheet HTML 2Page - Schurter Inc. 8842 Datasheet HTML 3Page - Schurter Inc.

8842 Product details

IEC Appliance Inlet C14 with Fuseholder 2-pole



Description

- Panel Mount:

   Screw-on mounting from front side

- 2 Functions:

   Appliance Inlet protection class I or II, Fuseholder for fuse-links 5 x 20 mm, 1- or 2-pole

- Quick connect terminals 4.8 x 0.8 mm

- We recommend for new applications the new type 4707




Similar Part No. - 8842

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
8842 ASM-SENSOR-8842 Datasheet
2Mb / 12P
   MEMORY HiCORDER
logo
List of Unclassifed Man...
8842 ETC2-8842 Datasheet
326Kb / 1P
   INSULATED PC SPACERS/SUPPORTS
logo
Altech corporation
8842.2 ALTECH-8842.2 Datasheet
85Kb / 2P
   INTERFACES CONNECTOR-TO-WIRE Ribbon Cable Module 35 or 32mm DIN Rail
logo
Molex Electronics Ltd.
884260070 MOLEX-884260070 Datasheet
153Kb / 1P
   Mega-Fit 6 Circuit 150MM
2018/01/08
884260070 MOLEX-884260070 Datasheet
339Kb / 1P
   MizuP25 R-S 4ckt 150mm Sn
2020/07/20
More results


Similar Description - 8842

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4707 SCHURTER-4707 Datasheet
439Kb / 3P
   IEC Appliance Inlet C14 with Fuseholder 2-pole
6220 SCHURTER-6220_V01 Datasheet
392Kb / 5P
   IEC Appliance Inlet C14 with Fuseholder 2-pole
6220 SCHURTER-6220_18 Datasheet
384Kb / 5P
   IEC Appliance Inlet C14 with Fuseholder 2-pole
6220 SCHURTER-6220_17 Datasheet
371Kb / 5P
   IEC Appliance Inlet C14 with Fuseholder 2-pole
6220 SCHURTER-6220 Datasheet
468Kb / 3P
   IEC Appliance Inlet C14 with Fuseholder 2-pole
6200 SCHURTER-6200 Datasheet
488Kb / 3P
   IEC Appliance Inlet C14 with Fuseholder 1-pole
6205 SCHURTER-6205 Datasheet
472Kb / 3P
   IEC Appliance Inlet C14 with Fuseholder 1-pole
1060 SCHURTER-1060 Datasheet
426Kb / 3P
   IEC Appliance Inlet C14 with Fuseholder 1-pole
1060 SCHURTER-1060_13 Datasheet
457Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1-pole
GSF2 SCHURTER-GSF2 Datasheet
426Kb / 3P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com