Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A12TD Datasheet (PDF) - Schurter Inc.

A12TD Datasheet PDF - Schurter Inc.
Part # A12TD
Download  A12TD Download

File Size   288.0 Kbytes
Page   2 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description Miniature Fuse, 6.3 x 32 mm, Time-Lag T, GAM T1, 30 A, 220 VAC, 125 VDC

A12TD Datasheet (PDF)

Go To PDF Page Download Datasheet
A12TD Datasheet PDF - Schurter Inc.

Part # A12TD
Download  A12TD Click to download

File Size   288.0 Kbytes
Page   2 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description Miniature Fuse, 6.3 x 32 mm, Time-Lag T, GAM T1, 30 A, 220 VAC, 125 VDC

A12TD Datasheet (HTML) - Schurter Inc.

A12TD Datasheet HTML 1Page - Schurter Inc. A12TD Datasheet HTML 2Page - Schurter Inc.



Similar Part No. - A12TD

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A12 MACOM-A12 Datasheet
113Kb / 1P
   10 TO 1000 MHz CASCADABLE AMPLIFIER
logo
DB Lectro Inc
A12 DBLECTRO-A12 Datasheet
218Kb / 1P
   DIP PLUG LOW PROFILE
logo
Tyco Electronics
A12 MACOM-A12 Datasheet
371Kb / 2P
   Cascadable Amplifier 10 to 1000 MHz
logo
M/A-COM Technology Solu...
A12 MA-COM-A12 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1000 MHz
logo
Texas Instruments
A12 TI1-A12 Datasheet
1Mb / 30P
[Old version datasheet]   Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
More results


Similar Description - A12TD

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
D8STTD SCHURTER-D8STTD Datasheet
400Kb / 2P
   Miniature Fuse, 6.3 x 32 mm, Time-Lag T, GAM T1, 1.25 A, 220 VAC, 125 VDC
FST6.3X32 SCHURTER-FST6.3X32_V01 Datasheet
186Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
29.09.2021
FST6.3X32 SCHURTER-FST6.3X32_V02 Datasheet
213Kb / 4P
   Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
09.12.2021
00343401 SCHURTER-00343401 Datasheet
298Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
FST6.3X32 SCHURTER-FST6.3X32 Datasheet
234Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
172582 SCHURTER-172582 Datasheet
284Kb / 2P
   Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, GAM T1, 250 VAC, 125 VDC
172582 SCHURTER-172582_18 Datasheet
288Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, GAM T1, 250 VAC, 125 VDC
172582 SCHURTER-172582_V01 Datasheet
299Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, GAM T1, 250 VAC, 125 VDC
SPT6.3X32 SCHURTER-SPT6.3X32 Datasheet
256Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Time-Lag T, Sand, 250 VAC
00012521 SCHURTER-00012521 Datasheet
297Kb / 2P
   Miniature Fuse, 6.3 x 32 mm, Time-Lag T, Sand, 250 VAC
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com