Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHCT1G86GV Datasheet (PDF) - NXP Semiconductors

74AHCT1G86GV Datasheet PDF - NXP Semiconductors
Part # 74AHCT1G86GV
Download  74AHCT1G86GV Download

File Size   80.24 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 2-input EXCLUSIVE-OR gate

74AHCT1G86GV Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHCT1G86GV Datasheet PDF - NXP Semiconductors

Part # 74AHCT1G86GV
Download  74AHCT1G86GV Click to download

File Size   80.24 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 2-input EXCLUSIVE-OR gate

74AHCT1G86GV Datasheet (HTML) - NXP Semiconductors

Back Button 74AHCT1G86GV Datasheet HTML 1Page - NXP Semiconductors 74AHCT1G86GV Datasheet HTML 2Page - NXP Semiconductors 74AHCT1G86GV Datasheet HTML 3Page - NXP Semiconductors 74AHCT1G86GV Datasheet HTML 4Page - NXP Semiconductors 74AHCT1G86GV Datasheet HTML 5Page - NXP Semiconductors 74AHCT1G86GV Datasheet HTML 6Page - NXP Semiconductors 74AHCT1G86GV Datasheet HTML 7Page - NXP Semiconductors 74AHCT1G86GV Datasheet HTML 8Page - NXP Semiconductors 74AHCT1G86GV Datasheet HTML 9Page - NXP Semiconductors 74AHCT1G86GV Datasheet HTML 10Page - NXP Semiconductors Next Button 

74AHCT1G86GV Product details

General description

74AHC1G86 and 74AHCT1G86 are high-speed Si-gate CMOS devices. They provide a 2-input EXCLUSIVE-OR function.

The AHC device has CMOS input switching levels and supply voltage range 2 V to 5.5 V.

The AHCT device has TTL input switching levels and supply voltage range 4.5 V to 5.5 V.



Features

Symmetrical output impedance

High noise immunity

ESD protection:

  HBM JESD22-A114E: exceeds 2000 V

  MM JESD22-A115-A: exceeds 200 V

  CDM JESD22-C101C: exceeds 1000 V

Low power dissipation

Balanced propagation delays

SOT353-1 and SOT753 package options

Specified from−40°C to +125°C




Similar Part No. - 74AHCT1G86GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT1G86GV PHILIPS-74AHCT1G86GV Datasheet
61Kb / 12P
   2-input EXCLUSIVE-OR gate
2002 Jun 06
logo
Nexperia B.V. All right...
74AHCT1G86GV NEXPERIA-74AHCT1G86GV Datasheet
211Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 6 - 11 January 2022
74AHCT1G86GV-Q100 NEXPERIA-74AHCT1G86GV-Q100 Datasheet
686Kb / 13P
   2-input EXCLUSIVE-OR gate
74AHCT1G86GV-Q100 NEXPERIA-74AHCT1G86GV-Q100 Datasheet
210Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 2 - 11 January 2022
More results


Similar Description - 74AHCT1G86GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G86GW.125 NXP-74HC1G86GW.125 Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
logo
Unisonic Technologies
U74AHCT1G86 UTC-U74AHCT1G86 Datasheet
101Kb / 4P
   2-INPUT EXCLUSIVE-OR GATE
logo
National Semiconductor ...
54F86DM NSC-54F86DM Datasheet
137Kb / 6P
   2-Input Exclusive-OR Gate
logo
NXP Semiconductors
74AHC1G86 PHILIPS-74AHC1G86 Datasheet
61Kb / 12P
   2-input EXCLUSIVE-OR gate
2002 Jun 06
logo
Renesas Technology Corp
RD74LVC1G86 RENESAS-RD74LVC1G86 Datasheet
2Mb / 8P
   2-input Exclusive OR Gate
logo
Hitachi Semiconductor
HD74ALVC1G86 HITACHI-HD74ALVC1G86 Datasheet
37Kb / 10P
   2-input Exclusive-OR Gate
logo
NXP Semiconductors
74HC1G86 PHILIPS-74HC1G86 Datasheet
78Kb / 12P
   2-input EXCLUSIVE-OR gate
1998 Aug 05
74LVC1G86 PHILIPS-74LVC1G86 Datasheet
69Kb / 12P
   2-input EXCLUSIVE-OR gate
2001 Apr 06
74HC1G86 NXP-74HC1G86 Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
74LVC1G86 NXP-74LVC1G86 Datasheet
87Kb / 14P
   2-input EXCLUSIVE-OR gate
Rev. 06-18 July 2007
logo
Renesas Technology Corp
HD74LV1G86A RENESAS-HD74LV1G86A_08 Datasheet
110Kb / 8P
   2-input Exclusive-OR Gate
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com