Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX39 Datasheet (PDF) - Diotech Company.

BZX39 Datasheet PDF - Diotech Company.
Part # BZX39
Download  BZX39 Download

File Size   1643.82 Kbytes
Page   3 Pages
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.
Description 1.3W EPITAXIAL ZENER DIODE

BZX39 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX39 Datasheet PDF - Diotech Company.

Part # BZX39
Download  BZX39 Click to download

File Size   1643.82 Kbytes
Page   3 Pages
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.
Description 1.3W EPITAXIAL ZENER DIODE

BZX39 Datasheet (HTML) - Diotech Company.

BZX39 Datasheet HTML 1Page - Diotech Company. BZX39 Datasheet HTML 2Page - Diotech Company. BZX39 Datasheet HTML 3Page - Diotech Company.

BZX39 Product details

FEATURES
• Low profile package
• Built-in strain relief
• Low inductance
• High temperature soldering : 260°C /10 seconds at terminals
• Glass package has Underwriters Laboratory Flammability Classification
• In compliance with EU RoHS 2002/95/EC directives




Similar Part No. - BZX39

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BZX39 ETC1-BZX39 Datasheet
105Kb / 3P
   SILICON EPITAXIAL PLANAR TYPE
logo
NXP Semiconductors
BZX399 PHILIPS-BZX399 Datasheet
93Kb / 12P
   Voltage regulator diodes
1999 Jun 04
BZX399-C10 PHILIPS-BZX399-C10 Datasheet
93Kb / 12P
   Voltage regulator diodes
1999 Jun 04
BZX399-C11 PHILIPS-BZX399-C11 Datasheet
93Kb / 12P
   Voltage regulator diodes
1999 Jun 04
BZX399-C12 PHILIPS-BZX399-C12 Datasheet
93Kb / 12P
   Voltage regulator diodes
1999 Jun 04
More results


Similar Description - BZX39

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZX85C3V3 TSC-BZX85C3V3_11 Datasheet
764Kb / 3P
   1.3W,5% Tolerance Zener Diode
logo
Rectron Semiconductor
BZX85C2V7 RECTRON-BZX85C2V7 Datasheet
88Kb / 2P
   1.3W DO-41 Zener Diode
logo
Jinan Jing Heng Electro...
BZX85-C2V7 JINGHENG-BZX85-C2V7 Datasheet
344Kb / 5P
   1.3W SILICON PLANAR ZENER DIODES
ZM1-3C2V7 JINGHENG-ZM1-3C2V7 Datasheet
70Kb / 2P
   1.3W SILICON PLANAR ZENER DIODES
logo
Shenzhen Taychipst Elec...
1N5221B TAYCHIPST-1N5221B Datasheet
4Mb / 2P
   EPITAXIAL ZENER DIODE
logo
Diodes Incorporated
1N5221B DIODES-1N5221B_1 Datasheet
60Kb / 3P
   500mW EPITAXIAL ZENER DIODE
DS18006 Rev. 15 - 2
1N5221B DIODES-1N5221B_11 Datasheet
51Kb / 3P
   500mW EPITAXIAL ZENER DIODE
logo
Diotech Company.
1N4728A DIOTECH-1N4728A Datasheet
856Kb / 3P
   1W EPITAXIAL ZENER DIODE
logo
Zibo Seno Electronic En...
1N5221B ZSELEC-1N5221B Datasheet
76Kb / 2P
   500mW EPITAXIAL ZENER DIODE
logo
Central Semiconductor C...
BZX85C3V3 CENTRAL-BZX85C3V3 Datasheet
515Kb / 2P
   SURFACE MOUNT 1.3W SILICON ZENER DIODE 3.3 VOLTS THRU 33 VOLTS
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com