Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT16374A Datasheet (PDF) - NXP Semiconductors

74LVT16374A Datasheet PDF - NXP Semiconductors
Part # 74LVT16374A
Download  74LVT16374A Download

File Size   187.77 Kbytes
Page   19 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 3.3 V 16-bit edge-triggered D-type flip-flop; 3-state

74LVT16374A Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVT16374A Datasheet PDF - NXP Semiconductors

Part # 74LVT16374A
Download  74LVT16374A Click to download

File Size   187.77 Kbytes
Page   19 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 3.3 V 16-bit edge-triggered D-type flip-flop; 3-state

74LVT16374A Datasheet (HTML) - NXP Semiconductors

Back Button 74LVT16374A Datasheet HTML 1Page - NXP Semiconductors 74LVT16374A Datasheet HTML 2Page - NXP Semiconductors 74LVT16374A Datasheet HTML 3Page - NXP Semiconductors 74LVT16374A Datasheet HTML 4Page - NXP Semiconductors 74LVT16374A Datasheet HTML 5Page - NXP Semiconductors 74LVT16374A Datasheet HTML 6Page - NXP Semiconductors 74LVT16374A Datasheet HTML 7Page - NXP Semiconductors 74LVT16374A Datasheet HTML 8Page - NXP Semiconductors 74LVT16374A Datasheet HTML 9Page - NXP Semiconductors 74LVT16374A Datasheet HTML 10Page - NXP Semiconductors Next Button 

74LVT16374A Product details

General description
The 74LVT16374A; 74LVTH16374A are high performance BiCMOS products designed for VCC operation at 3.3 V. This device is a 16-bit edge-triggered D-type flip-flop featuring non-inverting 3-state outputs. The device can be used as two 8-bit flip-flops or one 16-bit flip-flop. On the positive transition of the clock (nCP), the nQn outputs of the flip-flop take on the logic levels set up at the nDn inputs.

Features and benefits
● 16-bit edge-triggered flip-flop
● 3-state buffers
● Output capability: +64 mA and −32 mA
● TTL input and output switching levels
● Input and output interface capability to systems at 5 V supply
● Bus-hold data inputs eliminate the need for external pull-up resistors to hold unused inputs
● Live insertion and extraction permitted
● Power-up reset
● Power-up 3-state
● No bus current loading when output is tied to 5 V bus
● Latch-up protection:
   ● JESD78B Class II exceeds 500 mA
● ESD protection:
   ● HBM JESD22-A114F exceeds 2000 V
   ● MM JESD22-A115-A exceeds 200 V




Similar Part No. - 74LVT16374A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT16374A PHILIPS-74LVT16374A Datasheet
86Kb / 10P
   3.3V LVT 16-bit edge-triggered D-type flip-flop 3-State
1999 Oct 18
logo
Nexperia B.V. All right...
74LVT16374A NEXPERIA-74LVT16374A Datasheet
233Kb / 13P
   3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 12 - 6 August 2021
logo
NXP Semiconductors
74LVT16374ADGG PHILIPS-74LVT16374ADGG Datasheet
86Kb / 10P
   3.3V LVT 16-bit edge-triggered D-type flip-flop 3-State
1999 Oct 18
logo
Nexperia B.V. All right...
74LVT16374ADGG NEXPERIA-74LVT16374ADGG Datasheet
233Kb / 13P
   3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 12 - 6 August 2021
logo
NXP Semiconductors
74LVT16374ADL PHILIPS-74LVT16374ADL Datasheet
86Kb / 10P
   3.3V LVT 16-bit edge-triggered D-type flip-flop 3-State
1999 Oct 18
More results


Similar Description - 74LVT16374A

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVT-LVTH16374A NEXPERIA-74LVT-LVTH16374A Datasheet
233Kb / 13P
   3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 12 - 6 August 2021
74ALVCH16374 NEXPERIA-74ALVCH16374 Datasheet
232Kb / 13P
   2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 7 - 23 November 2021
logo
NXP Semiconductors
74ALVCH16374 NXP-74ALVCH16374 Datasheet
158Kb / 17P
   2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 03-27 April 2010
logo
Texas Instruments
SN74LVTH16374-EP TI1-SN74LVTH16374-EP Datasheet
301Kb / 10P
[Old version datasheet]   3.3-V ABT 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74AVC16374 PHILIPS-74AVC16374 Datasheet
84Kb / 16P
   16-bit edge triggered D-type flip-flop; 3.6 V tolerant; 3-state
2000 Mar 09
logo
Nexperia B.V. All right...
74LVC16374A-Q100 NEXPERIA-74LVC16374A-Q100 Datasheet
230Kb / 14P
   16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
74AVC16374 NEXPERIA-74AVC16374 Datasheet
1Mb / 16P
   16-bit edge triggered D-type flip-flop; 3.6 V tolerant; 3-state
Rev. 3 - 16 August 2013
74AVC16374-Q100 NEXPERIA-74AVC16374-Q100 Datasheet
772Kb / 16P
   16-bit edge triggered D-type flip-flop 3.6 V tolerant; 3-state
74LVC16374A NEXPERIA-74LVC16374A Datasheet
242Kb / 13P
   16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
Rev. 13 - 27 September 2021
logo
NXP Semiconductors
74LVT16374A PHILIPS-74LVT16374A Datasheet
86Kb / 10P
   3.3V LVT 16-bit edge-triggered D-type flip-flop 3-State
1999 Oct 18
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com