Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TX29-19-15 Datasheet (PDF) - Ferroxcube International Holding B.V.

TX29-19-15 Datasheet PDF - Ferroxcube International Holding B.V.
Part # TX29-19-15
Download  TX29-19-15 Download

File Size   43.22 Kbytes
Page   3 Pages
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.
Description Ferrite toroids

TX29-19-15 Datasheet (PDF)

Go To PDF Page Download Datasheet
TX29-19-15 Datasheet PDF - Ferroxcube International Holding B.V.

Part # TX29-19-15
Download  TX29-19-15 Click to download

File Size   43.22 Kbytes
Page   3 Pages
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.
Description Ferrite toroids

TX29-19-15 Datasheet (HTML) - Ferroxcube International Holding B.V.

TX29-19-15 Datasheet HTML 1Page - Ferroxcube International Holding B.V. TX29-19-15 Datasheet HTML 2Page - Ferroxcube International Holding B.V. TX29-19-15 Datasheet HTML 3Page - Ferroxcube International Holding B.V.

TX29-19-15 Product details

Coating
    The cores are coated with epoxy, flame retardant in
    accordance with “UL 94V-0”; UL file number E 228348.
    The colour is white.
    Maximum operating temperature is 200 °C.

Isolation voltage
    DC isolation voltage: 2000 V.
    Contacts are applied on the edge of the ring core, which is
    also the critical point for the winding operation.




Similar Part No. - TX29-19-15

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
TX29-19-7.5 FERROXCUBE-TX29-19-7.5 Datasheet
43Kb / 3P
   Ferrite toroids
TX29-19-7.6 FERROXCUBE-TX29-19-7.6 Datasheet
43Kb / 3P
   Ferrite toroids
More results


Similar Description - TX29-19-15

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
TC3.5-3E28 FERROXCUBE-TC3.5-3E28 Datasheet
43Kb / 3P
   Ferrite toroids
TC2.5-4A11 FERROXCUBE-TC2.5-4A11 Datasheet
43Kb / 3P
   Ferrite toroids
TC3.1-4A11 FERROXCUBE-TC3.1-4A11 Datasheet
44Kb / 3P
   Ferrite toroids
TN20-10-7 FERROXCUBE-TN20-10-7 Datasheet
44Kb / 3P
   Ferrite toroids
TN26-15-20 FERROXCUBE-TN26-15-20 Datasheet
45Kb / 3P
   Ferrite toroids
TX14-9-5 FERROXCUBE-TX14-9-5 Datasheet
43Kb / 3P
   Ferrite toroids
TX80-40-15 FERROXCUBE-TX80-40-15 Datasheet
43Kb / 3P
   Ferrite toroids
TC3.5-3E27 FERROXCUBE-TC3.5-3E27 Datasheet
43Kb / 3P
   Ferrite toroids
TC3.9-3E28 FERROXCUBE-TC3.9-3E28 Datasheet
43Kb / 3P
   Ferrite toroids
TC7.6-3C90 FERROXCUBE-TC7.6-3C90 Datasheet
45Kb / 3P
   Ferrite toroids
TN13-4C65 FERROXCUBE-TN13-4C65 Datasheet
47Kb / 4P
   Ferrite toroids
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com