Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD2415 Datasheet (PDF) - Crydom Inc.,

UPD2415 Datasheet PDF - Crydom Inc.,
Part # UPD2415
Download  UPD2415 Download

File Size   815.68 Kbytes
Page   4 Pages
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,
Description SIP SSR Single Channel Ratings of 15A and 25A @ 280 VAC

UPD2415 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD2415 Datasheet PDF - Crydom Inc.,

Part # UPD2415
Download  UPD2415 Click to download

File Size   815.68 Kbytes
Page   4 Pages
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,
Description SIP SSR Single Channel Ratings of 15A and 25A @ 280 VAC

UPD2415 Datasheet (HTML) - Crydom Inc.,

UPD2415 Datasheet HTML 1Page - Crydom Inc., UPD2415 Datasheet HTML 2Page - Crydom Inc., UPD2415 Datasheet HTML 3Page - Crydom Inc., UPD2415 Datasheet HTML 4Page - Crydom Inc.,



Similar Part No. - UPD2415

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
UPD2415 CRYDOM-UPD2415 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
UPD2415 CRYDOM-UPD2415 Datasheet
831Kb / 5P
   PCB Mount
UPD2415 CRYDOM-UPD2415 Datasheet
585Kb / 5P
   PCB Mount
UPD2415-10 CRYDOM-UPD2415-10 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
UPD2415-10 CRYDOM-UPD2415-10 Datasheet
831Kb / 5P
   PCB Mount
More results


Similar Description - UPD2415

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
EL240A5-05 CRYDOM-EL240A5-05 Datasheet
668Kb / 5P
   Ratings of 5A, 10A and 20A @ 24-280 VAC
SDV2415R CRYDOM-SDV2415R Datasheet
608Kb / 5P
   Ratings to 1.5A @ 280 VAC
logo
Teledyne Technologies I...
L24D25C TELEDYNE-L24D25C Datasheet
70Kb / 2P
   Single Output to 25A, 280 Vac DC control
logo
Willow Technologies Ltd
C3P24D25C WILLOW-C3P24D25C Datasheet
164Kb / 2P
   Three-Phase Output to 25A 280 Vac
logo
Teledyne Technologies I...
SQ24D25 TELEDYNE-SQ24D25 Datasheet
60Kb / 2P
   Quad Output 25A 280 Vac DC control
logo
Crydom Inc.,
D2450-B CRYDOM-D2450-B Datasheet
759Kb / 8P
   Ratings from 10A to 125A @ 24-280 VAC
D2410-10 CRYDOM-D2410-10 Datasheet
759Kb / 8P
   Ratings from 10A to 125A @ 24-280 VAC
CN024D05 CRYDOM-CN024D05 Datasheet
755Kb / 6P
   5mm Mini SIP SSR
logo
Teledyne Technologies I...
C3P24D25 TELEDYNE-C3P24D25 Datasheet
85Kb / 2P
   Three-Phase Output 25A 280 Vac DC control
logo
Crydom Inc.,
CXE240D5R CRYDOM-CXE240D5R_11 Datasheet
660Kb / 5P
   Ratings of 5A @ 660 VAC
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com