Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZ600 Datasheet (PDF) - Murata Power Solutions Inc.

RZ600 Datasheet PDF - Murata Power Solutions Inc.
Part # RZ600
Download  RZ600 Download

File Size   289.45 Kbytes
Page   18 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description AVR600: RZ600 HW Manual

RZ600 Datasheet (PDF)

Go To PDF Page Download Datasheet
RZ600 Datasheet PDF - Murata Power Solutions Inc.

Part # RZ600
Download  RZ600 Click to download

File Size   289.45 Kbytes
Page   18 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description AVR600: RZ600 HW Manual

RZ600 Datasheet (HTML) - Murata Power Solutions Inc.

Back Button RZ600 Datasheet HTML 1Page - Murata Power Solutions Inc. RZ600 Datasheet HTML 2Page - Murata Power Solutions Inc. RZ600 Datasheet HTML 3Page - Murata Power Solutions Inc. RZ600 Datasheet HTML 4Page - Murata Power Solutions Inc. RZ600 Datasheet HTML 5Page - Murata Power Solutions Inc. RZ600 Datasheet HTML 6Page - Murata Power Solutions Inc. RZ600 Datasheet HTML 7Page - Murata Power Solutions Inc. RZ600 Datasheet HTML 8Page - Murata Power Solutions Inc. RZ600 Datasheet HTML 9Page - Murata Power Solutions Inc. RZ600 Datasheet HTML 10Page - Murata Power Solutions Inc. Next Button 

RZ600 Product details

Introduction
The RZ600 kit is an evaluation kit for the Atmel AT86RF family of radio frequency devices. The family contains the two 2.4GHz device AT86RF230 and AT86RF231. These are highly acclaimed networking devices within low power personal area networks. In addition to this the world’s first IEEE 802.15.4 enabled sub gigahertz radio is provided – the AT86RF212. With the kit you also receive two AVR UC3 based host nodes that can be used to evaluate a point to point network connection. That being said; the RZ600 radio boards sport an Atmel standardized 10-pin connector that will enable the RF boards to be connected to any AVR microcontroller. A wide range of the standard Atmel AVR design tools have the host end of the standardized 10-pin connector – so as a customer you will be able to evaluate Atmel radio transceivers in virtually any application segment.
The RZ600 kit enables RF4CE, IEEE 802.15.4, ZigBee® and 6lowPAN network technologies to run on the full Atmel portfolio of low power AVR microcontrollers.

Features
• Contains the full selection of AT86RF family radio transceivers.
• Covers the 2.4GHz ISM band and 700, 800 and 900MHz frequency bands.
• In total 3 pair of radio transceivers are available – one pair per radio transceiver.
• Two ATUC3A3256 based USB host boards are included
   - Based on Atmel® AVR® UC core
   - 80 Dhrystone MIPS and Draws Only 40 mA at 66 MHz
   - Low, full and high speed USB compliant
   - Ideal for PC to RF gateways, packet sniffers and network commissioning tools
• On board ID chip for easy IEEE MAC address
• Stub antennas for all frequency bands




Similar Part No. - RZ600

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ68A STMICROELECTRONICS-RZ68A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
New Jersey Semi-Conduct...
RZ68A NJSEMI-RZ68A Datasheet
153Kb / 2P
   ZENER DIODES
logo
STMicroelectronics
RZ6A STMICROELECTRONICS-RZ6A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
New Jersey Semi-Conduct...
RZ6A NJSEMI-RZ6A Datasheet
153Kb / 2P
   ZENER DIODES
More results


Similar Description - RZ600

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
HW SHARMA-HW Datasheet
377Kb / 5P
   HW Series
logo
Xilinx, Inc
DS019 XILINX-DS019 Datasheet
103Kb / 3P
   HW-130 Programmer
logo
Telit loT Solutions
HE910 TELIT-HE910 Datasheet
2Mb / 111P
   HW User Guide
logo
ATMEL Corporation
ATSTK600-RC17 ATMEL-ATSTK600-RC17 Datasheet
240Kb / 19P
   AVR600: STK600 Expansion, routing and socket boards
ATSTK600-RC54 ATMEL-ATSTK600-RC54 Datasheet
240Kb / 19P
   AVR600: STK600 Expansion, routing and socket boards
logo
PHOENIX CONTACT
2827401 PHOENIX-2827401 Datasheet
69Kb / 4P
   Relay connectors - ST-REL7-HW 60/4X21
logo
STMicroelectronics
STM32L431XX STMICROELECTRONICS-STM32L431XX Datasheet
2Mb / 200P
   RTC with HW calendar, alarms and calibration
May 2016 Rev 1
logo
PHOENIX CONTACT
2821054 PHOENIX-2821054 Datasheet
77Kb / 4P
   Relay connectors - ST-REL3-HW 24/21
2322029 PHOENIX-2322029 Datasheet
55Kb / 3P
   Front adapters - FLKM-PA-D37/HW/C300
2905321 PHOENIX-2905321 Datasheet
59Kb / 4P
   Front adapters - FLKM-PA-D37/HW/AID4/C300
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com