Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66F04 Datasheet (PDF) - Holtek Semiconductor Inc

HT66F04 Datasheet PDF - Holtek Semiconductor Inc
Part # HT66F04
Download  HT66F04 Download

File Size   1328.82 Kbytes
Page   139 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Small Package Enhanced Flash Type 8-Bit MCU with EEPROM

HT66F04 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT66F04 Datasheet PDF - Holtek Semiconductor Inc

Part # HT66F04
Download  HT66F04 Click to download

File Size   1328.82 Kbytes
Page   139 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Small Package Enhanced Flash Type 8-Bit MCU with EEPROM

HT66F04 Datasheet (HTML) - Holtek Semiconductor Inc

Back Button HT66F04 Datasheet HTML 1Page - Holtek Semiconductor Inc HT66F04 Datasheet HTML 2Page - Holtek Semiconductor Inc HT66F04 Datasheet HTML 3Page - Holtek Semiconductor Inc HT66F04 Datasheet HTML 4Page - Holtek Semiconductor Inc HT66F04 Datasheet HTML 5Page - Holtek Semiconductor Inc HT66F04 Datasheet HTML 6Page - Holtek Semiconductor Inc HT66F04 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F04 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F04 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66F04 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button 

HT66F04 Product details

General Description

The devices are Flash Memory type 8-bit high performance RISC architecture microcontrollers. Offering users the convenience of Flash Memory multi-programming features, these devices also include a wide range of functions and features. Other memory includes an area of RAM Data Memory as well as an area of EEPROM memory for storage of non-volatile data such as serial numbers, calibration data etc.



Features

CPU Features

Operating Voltage:

  fSYS= 8MHz: 2.2V~5.5V

  fSYS= 12MHz: 2.7V~5.5V

  fSYS= 20MHz: 4.5V~5.5V

Up to 0.2s instruction cycle with 20MHz system clock at VDD=5V

Power down and wake-up functions to reduce power consumption

Five oscillators:

  External high speed xtal

  External 32.768kHz xtal

  External RC

  Internal high speed -- no external components

  Internal 32kHz -- no external components

Multi-mode operation: NORMAL, SLOW, IDLE and SLEEP

Fully integrated internal 4MHz, 8MHz and 12MHz oscillator requires no external components

All instructions executed in one or two instruction cycles

Table read instructions

63 powerful instructions

Up to 8 subroutine nesting levels

Bit manipulation instruction



Peripheral Features

Flash Program Memory: 1K14 ~ 2K15

RAM Data Memory: 648 ~ 968

EEPROM Memory: 648

Watchdog Timer function

Up to 8 bidirectional I/O lines

External interrupt line shared with I/O pin

Multiple Timer Module for time measure, input capture, compare match output, PWM output or single pulse output functions

Comparator function

Dual Time-Base functions for generation of fixed time interrupt signals

Low voltage reset function

Low voltage detect function

Multi-channel 12-bit resolution A/D converter

Package types: 10-pin MSOP




Similar Part No. - HT66F04

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66F04 HOLTEK-HT66F04 Datasheet
2Mb / 147P
   Small Package Enhanced Flash Type 8-Bit MCU with EEPROM
HT66F04C HOLTEK-HT66F04C Datasheet
1Mb / 142P
   8-Pin Enhanced Flash Type 8-Bit MCU with EEPROM
Rev. 0.00 February 26, 2010
HT66F04M HOLTEK-HT66F04M Datasheet
125Kb / 13P
   1.5V Battery Flash Type 8-Bit MCU with EEPROM & DC-DC Converter
More results


Similar Description - HT66F04

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66F03 HOLTEK-HT66F03_11 Datasheet
2Mb / 147P
   Small Package Enhanced Flash Type 8-Bit MCU with EEPROM
HT66F016 HOLTEK-HT66F016 Datasheet
1Mb / 116P
   Enhanced Flash Type 8-Bit MCU with EEPROM
HT66F30-1 HOLTEK-HT66F30-1 Datasheet
7Mb / 196P
   Enhanced Flash Type 8-Bit MCU with EEPROM
HT68F016 HOLTEK-HT68F016 Datasheet
1Mb / 116P
   Enhanced Flash Type 8-Bit MCU with EEPROM
HT66F03C HOLTEK-HT66F03C Datasheet
1Mb / 142P
   8-Pin Enhanced Flash Type 8-Bit MCU with EEPROM
Rev. 0.00 February 26, 2010
HT66F20 HOLTEK-HT66F20_10 Datasheet
1Mb / 246P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT68F20 HOLTEK-HT68F20_10 Datasheet
1Mb / 232P
   Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
HT68F20_1006 HOLTEK-HT68F20_1006 Datasheet
1Mb / 236P
   Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
HT66F20 HOLTEK-HT66F20 Datasheet
1Mb / 224P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20_1006 HOLTEK-HT66F20_1006 Datasheet
1Mb / 250P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com