Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24AA64T-E/SN Datasheet (PDF) - Microchip Technology

24AA64T-E/SN Datasheet PDF - Microchip Technology
Part # 24AA64T-E/SN
Download  24AA64T-E/SN Download

File Size   885.51 Kbytes
Page   40 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 64K I2C??Serial EEPROM

24AA64T-E/SN Datasheet (PDF)

Go To PDF Page Download Datasheet
24AA64T-E/SN Datasheet PDF - Microchip Technology

Part # 24AA64T-E/SN
Download  24AA64T-E/SN Click to download

File Size   885.51 Kbytes
Page   40 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 64K I2C??Serial EEPROM

24AA64T-E/SN Datasheet (HTML) - Microchip Technology

Back Button 24AA64T-E/SN Datasheet HTML 1Page - Microchip Technology 24AA64T-E/SN Datasheet HTML 2Page - Microchip Technology 24AA64T-E/SN Datasheet HTML 3Page - Microchip Technology 24AA64T-E/SN Datasheet HTML 4Page - Microchip Technology 24AA64T-E/SN Datasheet HTML 5Page - Microchip Technology 24AA64T-E/SN Datasheet HTML 6Page - Microchip Technology 24AA64T-E/SN Datasheet HTML 7Page - Microchip Technology 24AA64T-E/SN Datasheet HTML 8Page - Microchip Technology 24AA64T-E/SN Datasheet HTML 9Page - Microchip Technology 24AA64T-E/SN Datasheet HTML 10Page - Microchip Technology Next Button 

24AA64T-E/SN Product details

Description:
The Microchip Technology Inc. 24CXX, 24LCXX, 24AAXX and 24FCXX (24XX*) devices are a family of 128-bit through 512 Kbit Electrically Erased PROMs. The devices are organized in blocks of x8-bit memory with 2-wire serial interfaces. Low-voltage design permits operation down to 1.7V (for 24AAXX devices), with standby and active currents of only 1 μA and 1 mA, respectively. Devices 1 Kbit and larger have page write capability. Parts having functional address lines allow connection of up to 8 devices on the same bus. The 24XX family is available in the standard 8-pin PDIP, surface mount SOIC, TSSOP and MSOP pack ages. Most 128-bit through 16 Kbit devices are also  available in the 5-lead SOT-23 package. DFN packages (2x3mm or 5x6mm) are also available. All packages are Pb-free (Matte Tin) finish.

Features:
• 128-bit through 512 Kbit devices
• Single supply with operation down to 1.7V for 24AAXX devices
• Low-power CMOS technology:
- 1 mA active current, typical
-1μA standby current, typical (I-temp)
• 2-wire serial interface bus, I2C™ compatible
• Schmitt Trigger inputs for noise suppression
• Output slope control to eliminate ground bounce
• 100 kHz (1.7V) and 400 kHz (≥ 2.5V) compatibility
• 1 MHz for 24FCXX products
• Self-timed write cycle (including auto-erase)
• Page write buffer
• Hardware write-protect available on most devices
• Factory programming (QTP) available
• ESD protection > 4,000V
• 1 million erase/write cycles
• Data retention > 200 years
• 8-lead PDIP, SOIC, TSSOP and MSOP packages
• 5-lead SOT-23 package (most 1-16 Kbit devices)
• 8-lead 2x3mm and 5x6mm DFN packages available
• Pb-free and RoHS compliant
• Available for extended temperature ranges:
    - Industrial (I): -40°C to +85°C
    - Automotive (E): -40°C to +125°C




Similar Part No. - 24AA64T-E/SN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA64T-E/SN MICROCHIP-24AA64T-E/SN Datasheet
572Kb / 24P
   64K I2C??Serial EEPROM
2002
24AA64T-E/SN MICROCHIP-24AA64T-E/SN Datasheet
433Kb / 28P
   64K I2C??Serial EEPROM
2007
24AA64T-E/SN MICROCHIP-24AA64T-E/SN Datasheet
735Kb / 51P
   64-Kbit I2C Serial EEPROM
09/14/21
24AA64T-E/SN15KVAO MICROCHIP-24AA64T-E/SN15KVAO Datasheet
735Kb / 51P
   64-Kbit I2C Serial EEPROM
09/14/21
24AA64T-E/SN15KVXX MICROCHIP-24AA64T-E/SN15KVXX Datasheet
735Kb / 51P
   64-Kbit I2C Serial EEPROM
09/14/21
More results


Similar Description - 24AA64T-E/SN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC64-I MICROCHIP-24LC64-I Datasheet
355Kb / 28P
   64K I2C Serial EEPROM
12/08/06
24LC64-I-ST MICROCHIP-24LC64-I-ST Datasheet
370Kb / 26P
   64K I2C??Serial EEPROM
07/28/03
24AA64 MICROCHIP-24AA64 Datasheet
355Kb / 28P
   64K I2C Serial EEPROM
12/08/06
24AA64T-IMC MICROCHIP-24AA64T-IMC Datasheet
1Mb / 44P
   64K I2C??Serial EEPROM
1997-2012
24AA64-SN MICROCHIP-24AA64-SN Datasheet
1Mb / 44P
   64K I2C??Serial EEPROM
1997-2012
24AA64 MICROCHIP-24AA64_12 Datasheet
1Mb / 44P
   64K I2C??Serial EEPROM
11/29/12
24AA64 MICROCHIP-24AA64_07 Datasheet
433Kb / 28P
   64K I2C??Serial EEPROM
2007
24LC64-I-SN MICROCHIP-24LC64-I-SN Datasheet
1Mb / 44P
   64K I2C??Serial EEPROM
1997-2012
24AA64 MICROCHIP-24AA64_09 Datasheet
746Kb / 36P
   64K I2C??Serial EEPROM
2009
24AA64 MICROCHIP-24AA64_02 Datasheet
572Kb / 24P
   64K I2C??Serial EEPROM
2002
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com