Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC128T-I/SN Datasheet (PDF) - Microchip Technology

24LC128T-I/SN Datasheet PDF - Microchip Technology
Part # 24LC128T-I/SN
Download  24LC128T-I/SN Download

File Size   952.28 Kbytes
Page   38 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 128K I2C??CMOS Serial EEPROM

24LC128T-I/SN Datasheet (PDF)

Go To PDF Page Download Datasheet
24LC128T-I/SN Datasheet PDF - Microchip Technology

Part # 24LC128T-I/SN
Download  24LC128T-I/SN Click to download

File Size   952.28 Kbytes
Page   38 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 128K I2C??CMOS Serial EEPROM

24LC128T-I/SN Datasheet (HTML) - Microchip Technology

Back Button 24LC128T-I/SN Datasheet HTML 1Page - Microchip Technology 24LC128T-I/SN Datasheet HTML 2Page - Microchip Technology 24LC128T-I/SN Datasheet HTML 3Page - Microchip Technology 24LC128T-I/SN Datasheet HTML 4Page - Microchip Technology 24LC128T-I/SN Datasheet HTML 5Page - Microchip Technology 24LC128T-I/SN Datasheet HTML 6Page - Microchip Technology 24LC128T-I/SN Datasheet HTML 7Page - Microchip Technology 24LC128T-I/SN Datasheet HTML 8Page - Microchip Technology 24LC128T-I/SN Datasheet HTML 9Page - Microchip Technology 24LC128T-I/SN Datasheet HTML 10Page - Microchip Technology Next Button 

24LC128T-I/SN Product details

Description:
The Microchip Technology Inc. 24AA128/24LC128/24FC128 (24XX128*) is a 16K x 8 (128 Kbit) Serial Electrically Erasable PROM (EEPROM), capable of operation across a broad voltage range (1.7V to 5.5V). It has been developed for advanced, low-power applications such as personal communications or data acquisition. This device also has a page write capability of up to 64 bytes of data. This device is capable of both random and sequential reads up to the 128K boundary. Functional address lines allow up to eight devices on the same bus, for up to 1 Mbit address space. This device is available in the standard 8-pin plastic DIP, SOIC (3.90 mm and 5.28 mm), TSSOP, MSOP, DFN, TDFN and Chip Scale packages.

Features:
• Single Supply with Operation down to 1.7V for
   24AA128/24FC128 devices, 2.5V for 24LC128
   Devices
• Low-Power CMOS Technology:
   - Write current 3 mA, typical
   - Standby current 100 nA, typical
• 2-Wire Serial Interface, I2C™ Compatible
• Cascadable up to Eight Devices
• Schmitt Trigger Inputs for Noise Suppression
• Output Slope Control to Eliminate Ground Bounce
• 100 kHz and 400 kHz Clock Compatibility
• 1 MHz Clock for FC Versions
• Page Write Time 5 ms, typical
• Self-Timed Erase/Write Cycle
• 64-Byte Page Write Buffer
• Hardware Write-Protect
• ESD Protection >4000V
• More than 1 Million Erase/Write Cycles
• Data Retention > 200 years
• Factory Programming Available
• Packages include 8-lead PDIP, SOIC, TSSOP,
   DFN, TDFN, MSOP, and Chip Scale Packages
• Pb-Free and RoHS Compliant
• Temperature Ranges:
   - Industrial (I): -40°C to +85°C
   - Automotive (E): -40°C to +125°C




Similar Part No. - 24LC128T-I/SN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC128T-I/SN MICROCHIP-24LC128T-I/SN Datasheet
443Kb / 26P
   128K I2C CMOS Serial EEPROM
2007
24LC128T-I/SN MICROCHIP-24LC128T-I/SN Datasheet
814Kb / 42P
   I2C??Serial EEPROM Family Data Sheet
2007
24LC128T-I/SN MICROCHIP-24LC128T-I/SN Datasheet
618Kb / 32P
   128K I2C??CMOS Serial EEPROM
2009
More results


Similar Description - 24LC128T-I/SN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA128 MICROCHIP-24AA128_07 Datasheet
443Kb / 26P
   128K I2C CMOS Serial EEPROM
2007
24FC128 MICROCHIP-24FC128 Datasheet
450Kb / 26P
   128K I2C CMOS Serial EEPROM
2004
24LC128-I-PG MICROCHIP-24LC128-I-PG Datasheet
952Kb / 38P
   128K I2C??CMOS Serial EEPROM
2010
24AA128SM MICROCHIP-24AA128SM Datasheet
952Kb / 38P
   128K I2C CMOS Serial EEPROM
01/05/10
24AA128 MICROCHIP-24AA128_09 Datasheet
618Kb / 32P
   128K I2C??CMOS Serial EEPROM
2009
24AA128-I MICROCHIP-24AA128-I Datasheet
361Kb / 26P
   128K I2C CMOS Serial EEPROM
12/08/06
logo
Catalyst Semiconductor
CAT24WC129 CATALYST-CAT24WC129_04 Datasheet
585Kb / 9P
   128K-Bit I2C Serial CMOS EEPROM
CAT24WC128 CATALYST-CAT24WC128_05 Datasheet
404Kb / 9P
   128K-Bit I2C Serial CMOS EEPROM
logo
ARTSCHIP ELECTRONICS CO...
24LC256 ARTSCHIP-24LC256 Datasheet
381Kb / 9P
   I2C CMOS Serial EEPROM
logo
Microchip Technology
24LC515 MICROCHIP-24LC515 Datasheet
285Kb / 22P
   512K I2C CMOS Serial EEPROM
2003
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com