Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMP402 Datasheet (PDF) - Power Integrations, Inc.

SMP402 Datasheet PDF - Power Integrations, Inc.
Part # SMP402
Download  SMP402 Download

File Size   120.65 Kbytes
Page   16 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 20-72 VDC Input Non-isolated DC Output

SMP402 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMP402 Datasheet PDF - Power Integrations, Inc.

Part # SMP402
Download  SMP402 Click to download

File Size   120.65 Kbytes
Page   16 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 20-72 VDC Input Non-isolated DC Output

SMP402 Datasheet (HTML) - Power Integrations, Inc.

Back Button SMP402 Datasheet HTML 1Page - Power Integrations, Inc. SMP402 Datasheet HTML 2Page - Power Integrations, Inc. SMP402 Datasheet HTML 3Page - Power Integrations, Inc. SMP402 Datasheet HTML 4Page - Power Integrations, Inc. SMP402 Datasheet HTML 5Page - Power Integrations, Inc. SMP402 Datasheet HTML 6Page - Power Integrations, Inc. SMP402 Datasheet HTML 7Page - Power Integrations, Inc. SMP402 Datasheet HTML 8Page - Power Integrations, Inc. SMP402 Datasheet HTML 9Page - Power Integrations, Inc. SMP402 Datasheet HTML 10Page - Power Integrations, Inc. Next Button 

SMP402 Product details

Description

The SMP402, intended for non-isolated ISDN telecommunications power supply applications, combines a high voltage power MOSFET switch with a switchmode power system controller in a monolithic integrated circuit. Few external components are required to implement a low cost power supply which meets stringent ISDN specifications. High frequency operation reduces total power supply size.



Product Highlights

Integrated Power Switch and CMOS Controller

• Output power > 1 W from 48 VDC input

• Adjustable output voltage

• Integrated solution minimizes overall size



High-voltage, Low-capacitance MOSFET Output

• Designed for ISDN T1 telecommunications applications

• Low capacitance allows for high frequency operation



High-voltage Buck Regulator

• Internal pre-regulator self-powers the IC on start-up

• Designed for low power consumption

• Minimum external parts required



Built-In Self-protection Circuits

• Undervoltage lockout

• Thermal shutdown

• Input polarity/level sense




Similar Part No. - SMP402

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SMP400G-BA SEME-LAB-SMP400G-BA Datasheet
56Kb / 2P
   P.I.N. PHOTODIODE
SMP400G-BB SEME-LAB-SMP400G-BB Datasheet
56Kb / 2P
   P.I.N. PHOTODIODE
SMP400G-BC SEME-LAB-SMP400G-BC Datasheet
36Kb / 2P
   P.I.N. PHOTODIODE
SMP400G-BD SEME-LAB-SMP400G-BD Datasheet
55Kb / 2P
   P.I.N. PHOTODIODE
SMP400G-BE SEME-LAB-SMP400G-BE Datasheet
32Kb / 2P
   P.I.N. PHOTODIODE
More results


Similar Description - SMP402

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
XRAH-07C1A0 BEL-XRAH-07C1A0 Datasheet
149Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3 Vdc Input 0.9 Vdc - 2.5 Vdc/7 A Output
XRAH-02C50X BEL-XRAH-02C50X Datasheet
130Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 3.0 Vdc - 3.6 Vdc Input 5.0 Vdc/1.5 A Output
SLIN-20E1AX BEL-SLIN-20E1AX Datasheet
463Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.69 Vdc - 5.5 Vdc /20 A Outputs
XRAH-03F1A0 BEL-XRAH-03F1A0 Datasheet
240Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 3.0 Vdc - 5.5 Vdc Input 0.9 Vdc - 3.3 Vdc/3 A Output
logo
Toppower Electronic Tec...
TP78LU3.3-0.5 TOPPOWER-TP78LU3.3-0.5 Datasheet
251Kb / 3P
   Wide Input Non-Isolated,Regulated Single Output ,non-isolated DC/DC converters
TP78LUXX-0.5 TOPPOWER-TP78LUXX-0.5 Datasheet
271Kb / 3P
   Wide Input Non-Isolated,Regulated Single Output ,non-isolated DC/DC converters
logo
WAGO Kontakttechnik Gmb...
787-1014-072-000 WAGO-787-1014-072-000 Datasheet
283Kb / 7P
   DC/DC Converter; Compact; 72 VDC input voltage; 24 VDC output voltage;
787-1015-072-000 WAGO-787-1015-072-000 Datasheet
294Kb / 6P
   DC/DC Converter; Compact; 72 VDC input voltage; 12 VDC output voltage
logo
Bel Fuse Inc.
XRAH-01FXX0 BEL-XRAH-01FXX0 Datasheet
207Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.0 Vdc - 5.5 Vdc Input 12 Vdc/0.8 A & 15 Vdc/0.6 A Output
logo
Toppower Electronic Tec...
TP785.5-10 TOPPOWER-TP785.5-10 Datasheet
214Kb / 2P
   Wide Input&output Non-Isolated & Regulated DC/DC converter
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com