Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVS01YG Datasheet (PDF) - Power-One

NVS01YG Datasheet PDF - Power-One
Part # NVS01YG
Download  NVS01YG Download

File Size   224.07 Kbytes
Page   11 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, 짹5.0V, 짹12V, 짹15V & 짹24V Outputs

NVS01YG Datasheet (PDF)

Go To PDF Page Download Datasheet
NVS01YG Datasheet PDF - Power-One

Part # NVS01YG
Download  NVS01YG Click to download

File Size   224.07 Kbytes
Page   11 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, 짹5.0V, 짹12V, 짹15V & 짹24V Outputs

NVS01YG Datasheet (HTML) - Power-One

Back Button NVS01YG Datasheet HTML 1Page - Power-One NVS01YG Datasheet HTML 2Page - Power-One NVS01YG Datasheet HTML 3Page - Power-One NVS01YG Datasheet HTML 4Page - Power-One NVS01YG Datasheet HTML 5Page - Power-One NVS01YG Datasheet HTML 6Page - Power-One NVS01YG Datasheet HTML 7Page - Power-One NVS01YG Datasheet HTML 8Page - Power-One NVS01YG Datasheet HTML 9Page - Power-One NVS01YG Datasheet HTML 10Page - Power-One Next Button 

NVS01YG Product details

Description
The NV Series of converters are low profile, single and dual output, DC-DC converters intended for SMT placement and reflow soldering. The product provides onboard conversion for a wide range of standard telecom and datacom input voltages to isolated low output voltages. Proprietary patented manufacturing process with full process automation ensures optimal product quality in an extremely small footprint.

Features
• RoHS lead free solder and lead solder exempted products are available
• Basic Insulation
• Single board design
• Low profile SMT design
• Excellent co-planarity (within 0.1mm)
• Input-to-output isolation: 1500 VDC
• Low conducted and radiated EMI
• Output overcurrent protection
• Extremely-wide input ranges (2:1 & 4:1)
• Wide output range (3.3 V to 48 V)
• Parallel and series connection providing flexible output voltages and power
• Full rated output power at 85 ºC or 71 ºC with convection cooling
• 8.5 mm height
• Operating temperature to 110 ºC
• UL, CSA, and EN/IEC60950 (3rd ed.) approved

Applications
• Distributed power architectures
• Telecommunications equipment
• LAN/WAN applications
• Data processing
• Industrial / Instrumentation Applications




Similar Part No. - NVS01YG

ManufacturerPart #DatasheetDescription
logo
Power-One
NVS01YG-M6 POWER-ONE-NVS01YG-M6 Datasheet
321Kb / 11P
   6W SMT Converter Wide Input 3.3V to 24V Outputs
NVS01YG-M6 POWER-ONE-NVS01YG-M6_07 Datasheet
321Kb / 11P
   6W SMT Converter Wide Input 3.3V to 24V Outputs
More results


Similar Description - NVS01YG

ManufacturerPart #DatasheetDescription
logo
Power-One
RND02ZGE POWER-ONE-RND02ZGE Datasheet
316Kb / 14P
   RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 짹12V Dual Outputs 짹15V, available with trimming
logo
Maxim Integrated Produc...
MAX17500AEVKIT MAXIM-MAX17500AEVKIT Datasheet
1Mb / 9P
   36V to 72V or -36V to -72V DC Input Range
Rev 0; 2/11
logo
Power-One
RNS01EE POWER-ONE-RNS01EE Datasheet
429Kb / 16P
   RNS Series: 5-10W DC/DC Converters 18-72 & 38-75V Input 3.3V, 5.0V, 7.0V and 12V Outputs Outputs of 2.5V & 15V, available with trimming
NDS03ZA POWER-ONE-NDS03ZA Datasheet
312Kb / 14P
   NDS Series: 10W / 3.0A DC/DC Converters 36-75V Input 1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs
RFS06ZA POWER-ONE-RFS06ZA Datasheet
248Kb / 14P
   RFS Series: 20W / 6.0A DC/DC Converters 36-75V Input 1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs
logo
AAEON Technology
GENE-SKU6 AAEON-GENE-SKU6 Datasheet
458Kb / 2P
   Wide DC Support 9~36V, 12V Only (Optional)
logo
Everlight Electronics C...
XUAN1313-KM407N8-36306 EVERLIGHT-XUAN1313-KM407N8-36306 Datasheet
825Kb / 24P
   36V/6W series
XUAN1313-KT577N9-36306 EVERLIGHT-XUAN1313-KT577N9-36306 Datasheet
825Kb / 24P
   36V/6W series
XUAN1313-KT657N9-36306 EVERLIGHT-XUAN1313-KT657N9-36306 Datasheet
825Kb / 24P
   36V/6W series
XUAN1313-KT507N9-36306 EVERLIGHT-XUAN1313-KT507N9-36306 Datasheet
825Kb / 24P
   36V/6W series
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com