Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14008BD Datasheet (PDF) - Motorola, Inc

MC14008BD Datasheet PDF - Motorola, Inc
Part # MC14008BD
Download  MC14008BD Download

File Size   255.07 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 4-Bit Full Adder

MC14008BD Datasheet (PDF)

Go To PDF Page Download Datasheet
MC14008BD Datasheet PDF - Motorola, Inc

Part # MC14008BD
Download  MC14008BD Click to download

File Size   255.07 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 4-Bit Full Adder

MC14008BD Datasheet (HTML) - Motorola, Inc

MC14008BD Datasheet HTML 1Page - Motorola, Inc MC14008BD Datasheet HTML 2Page - Motorola, Inc MC14008BD Datasheet HTML 3Page - Motorola, Inc MC14008BD Datasheet HTML 4Page - Motorola, Inc MC14008BD Datasheet HTML 5Page - Motorola, Inc MC14008BD Datasheet HTML 6Page - Motorola, Inc MC14008BD Datasheet HTML 7Page - Motorola, Inc MC14008BD Datasheet HTML 8Page - Motorola, Inc

MC14008BD Product details

The MC14008B 4–bit full adder is constructed with MOS P–channel and N–channel enhancement mode devices in a single monolithic structure. This device consists of four full adders with fast internal look–ahead carry output. It is useful in binary addition and other arithmetic applications. The fast parallel carry output bit allows high–speed operation when used with other adders in a system.
   
• Look–Ahead Carry Output
• Diode Protection on All Inputs
• All Outputs Buffered
• Supply Voltage Range = 3.0 Vdc to 18 Vdc
• Capable of Driving Two Low–power TTL Loads or One Low–power Schottky TTL Load Over the Rated Temperature Range
• Pin–for–Pin Replacement for CD4008B




Similar Part No. - MC14008BD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14008BDR2 ONSEMI-MC14008BDR2 Datasheet
225Kb / 8P
   4-Bit Full Adder
March, 2000 ??Rev. 3
MC14008BDR2G ONSEMI-MC14008BDR2G Datasheet
135Kb / 8P
   4-Bit Full Adder
April, 2013 ??Rev. 7
MC14008BDR2G ONSEMI-MC14008BDR2G Datasheet
109Kb / 7P
   4-Bit Full Adder
July, 2014 ??Rev. 8
More results


Similar Description - MC14008BD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14008BCPG ONSEMI-MC14008BCPG Datasheet
135Kb / 8P
   4-Bit Full Adder
April, 2013 ??Rev. 7
logo
National Semiconductor ...
CD4008BM NSC-CD4008BM Datasheet
124Kb / 6P
   4-Bit Full Adder
logo
Hitachi Semiconductor
HD14008B HITACHI-HD14008B Datasheet
69Kb / 5P
   4-bit Full Adder
logo
ON Semiconductor
MC14008B ONSEMI-MC14008B_14 Datasheet
109Kb / 7P
   4-Bit Full Adder
July, 2014 ??Rev. 8
MC14008B ONSEMI-MC14008B Datasheet
225Kb / 8P
   4-Bit Full Adder
March, 2000 ??Rev. 3
logo
Fairchild Semiconductor
7483A FAIRCHILD-7483A Datasheet
135Kb / 3P
   4-BIT BINARY FULL ADDER
logo
STMicroelectronics
M54HC283 STMICROELECTRONICS-M54HC283 Datasheet
247Kb / 10P
   4 BIT BINARY FULL ADDER
logo
Fairchild Semiconductor
4008B FAIRCHILD-4008B Datasheet
96Kb / 2P
   4-BIT BINARY FULL ADDER
logo
NXP Semiconductors
HEF4008B PHILIPS-HEF4008B Datasheet
62Kb / 5P
   4-bit binary full adder
January 1995
logo
Renesas Technology Corp
HD74LS283 RENESAS-HD74LS283 Datasheet
101Kb / 8P
   4-bit Binary Full Adder
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com