Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E-312A-I Datasheet (PDF) - Tyco Electronics

E-312A-I Datasheet PDF - Tyco Electronics
Part # E-312A-I
Download  E-312A-I Download

File Size   32.06 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description E-312A-I 2PDT, 10 Amps, 440 VAC

E-312A-I Datasheet (PDF)

Go To PDF Page Download Datasheet
E-312A-I Datasheet PDF - Tyco Electronics

Part # E-312A-I
Download  E-312A-I Click to download

File Size   32.06 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description E-312A-I 2PDT, 10 Amps, 440 VAC

E-312A-I Datasheet (HTML) - Tyco Electronics

E-312A-I Datasheet HTML 1Page - Tyco Electronics



Similar Part No. - E-312A-I

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
E-312P MACOM-E-312P Datasheet
62Kb / 1P
   E-312P SPDT, 5 Amps, 28 VDC
More results


Similar Description - E-312A-I

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
E-311P MACOM-E-311P Datasheet
54Kb / 1P
   E-311P 2PDT, 10 Amps, 28 VDC
E-329E MACOM-E-329E Datasheet
57Kb / 1P
   E-329E 3PDT, 10 Amps, 115 VAC
E-308AH MACOM-E-308AH Datasheet
55Kb / 1P
   E-308AH 3PDT, 10 Amps, 115 VAC
E-327AD MACOM-E-327AD Datasheet
76Kb / 1P
   E-327AD 2PST, 10 Amps, 115 VAC
E-341 MACOM-E-341 Datasheet
43Kb / 1P
   E-341 SPDT, 2 Amps, 208 VAC
E-381 MACOM-E-381 Datasheet
39Kb / 1P
   E-381 SPDT, 5 Amps, 130 VAC
E-326E MACOM-E-326E Datasheet
76Kb / 1P
   E-326E SPDT, 5 Amps, 460 VAC
logo
Hammond Manufacturing L...
1584S10 HAMMOND-1584S10 Datasheet
80Kb / 1P
   Ratings - 250 VAC, 10 Amps
logo
Tyco Electronics
A-1019 MACOM-A-1019 Datasheet
51Kb / 1P
   2PDT, Center Off, 300 Amps, 28 VDC
E-145Y MACOM-E-145Y Datasheet
54Kb / 1P
   E-145Y 2PST, 60 Amps, 115/208 VAC
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com