Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1431 Datasheet (PDF) - ON Semiconductor

CM1431 Datasheet PDF - ON Semiconductor
Part # CM1431
Download  CM1431 Download

File Size   449.07 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description LCD and Camera EMI Filter Array with ESD Protection

CM1431 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM1431 Datasheet PDF - ON Semiconductor

Part # CM1431
Download  CM1431 Click to download

File Size   449.07 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description LCD and Camera EMI Filter Array with ESD Protection

CM1431 Datasheet (HTML) - ON Semiconductor

Back Button CM1431 Datasheet HTML 1Page - ON Semiconductor CM1431 Datasheet HTML 2Page - ON Semiconductor CM1431 Datasheet HTML 3Page - ON Semiconductor CM1431 Datasheet HTML 4Page - ON Semiconductor CM1431 Datasheet HTML 5Page - ON Semiconductor CM1431 Datasheet HTML 6Page - ON Semiconductor CM1431 Datasheet HTML 7Page - ON Semiconductor CM1431 Datasheet HTML 8Page - ON Semiconductor CM1431 Datasheet HTML 9Page - ON Semiconductor CM1431 Datasheet HTML 10Page - ON Semiconductor Next Button 

CM1431 Product details

Product Description

The CM1431 is a family of pi-style EMI filter arrays with ESD protection, which integrates four, six and eight filters (C-R-C) in small form factor TDFN 0.40mm pitch packages. The CM1431 has component values of 15pF-100Ω-15pF per channel. The CM1431 has a cut-off frequency of 120MHz and can be used in applications with data rates up to 48Mbps. The parts include ESD diodes on every pin, which provide a very high level of protection for sensitive electronic components that may be subjected to electrostatic discharge (ESD).



Features

• Four, six and eight channels of EMI filtering with integrated ESD protection

• Pi-style EMI filters in a capacitor-resistor capacitor (C-R-C) network

• ±15kV ESD protection on each channel (IEC 61000-4-2 Level 4, contact discharge)

• ±30kV ESD protection on each channel (HBM)

• Greater than 35dB attenuation (typical) at 1 GHz

• TDFN package with 0.40mm lead pitch:

• 4-ch. = 8-lead TDFN

• 6-ch. = 12-lead TDFN

• 8-ch. = 16-lead TDFN

• Tiny TDFN package size:

• 8-lead: 1.7mm x 1.35mm

• 12-lead: 2.5mm x 1.35mm

• 16-lead: 3.3mm x 1.35mm

• Increased robustness against vertical impacts during manufacturing process

• Lead-free finishing



Applications

• LCD and Camera data lines in mobile handsets

• I/O port protection for mobile handsets, notebook computers, PDAs etc.

• EMI filtering for data ports in cell phones, PDAs or notebook computers.

• Wireless handsets

• Handheld PCs/PDAs

• LCD and camera modules



 




Similar Part No. - CM1431

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1431 CALMIRCO-CM1431 Datasheet
411Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
CM1431-04DE CALMIRCO-CM1431-04DE Datasheet
411Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
CM1431-04DF CALMIRCO-CM1431-04DF Datasheet
411Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
CM1431-06DE CALMIRCO-CM1431-06DE Datasheet
411Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
CM1431-06DF CALMIRCO-CM1431-06DF Datasheet
411Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
More results


Similar Description - CM1431

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1409 CALMIRCO-CM1409 Datasheet
223Kb / 7P
   LCD and Camera EMI Filter Array with ESD Protection
CM1621 CALMIRCO-CM1621 Datasheet
462Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1622 ONSEMI-CM1622 Datasheet
359Kb / 12P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
logo
California Micro Device...
CM1431 CALMIRCO-CM1431 Datasheet
411Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1630 ONSEMI-CM1630 Datasheet
844Kb / 18P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
logo
California Micro Device...
CM1430 CALMIRCO-CM1430 Datasheet
420Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
CM1426 CALMIRCO-CM1426 Datasheet
756Kb / 13P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1451 ONSEMI-CM1451 Datasheet
526Kb / 15P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1452 ONSEMI-CM1452 Datasheet
472Kb / 16P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1409 ONSEMI-CM1409 Datasheet
302Kb / 13P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev.2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com